Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 254 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 254 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 250Page - Altera Corporation EP3SE110 Datasheet HTML 251Page - Altera Corporation EP3SE110 Datasheet HTML 252Page - Altera Corporation EP3SE110 Datasheet HTML 253Page - Altera Corporation EP3SE110 Datasheet HTML 254Page - Altera Corporation EP3SE110 Datasheet HTML 255Page - Altera Corporation EP3SE110 Datasheet HTML 256Page - Altera Corporation EP3SE110 Datasheet HTML 257Page - Altera Corporation EP3SE110 Datasheet HTML 258Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 341 page
background image
1–244
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–115 through Table 1–118 list the maximum I/O timing parameters for
EP3SE80 devices for differential I/O standards.
Table 1–115 lists the EP3SE80 column pins input timing parameters for differential
I/O standards.
1.2-V
HSTL
CLASS I
4mA
GCLK
t
co
3.081
3.316
4.684 5.077
5.577 5.446
5.723
5.195 5.696
5.566
5.800
ns
GCLK
PLL
t
co
1.260
1.434
1.844 1.931
2.129 2.150
2.191
2.031 2.233
2.252
2.179
ns
6mA
GCLK
t
co
3.072
3.308
4.675 5.068
5.568 5.437
5.714
5.186 5.687
5.557
5.791
ns
GCLK
PLL
t
co
1.251
1.426
1.835 1.922
2.120 2.141
2.182
2.022 2.224
2.243
2.170
ns
8mA
GCLK
t
co
3.071
3.308
4.682 5.076
5.577 5.446
5.723
5.195 5.697
5.567
5.801
ns
GCLK
PLL
t
co
1.250
1.426
1.842 1.930
2.129 2.150
2.191
2.031 2.234
2.253
2.180
ns
3.0-V PCI
—
GCLK
t
co
3.177
3.415
4.724 5.106
5.581 5.466
5.731
5.228 5.698
5.590
5.810
ns
GCLK
PLL
t
co
1.333
1.510
1.860 1.936
2.152 2.143
2.217
2.038 2.252
2.248
2.208
ns
3.0-V
PCI-X
—
GCLK
t
co
3.177
3.415
4.724 5.106
5.581 5.466
5.731
5.228 5.698
5.590
5.810
ns
GCLK
PLL
t
co
1.333
1.510
1.860 1.936
2.152 2.143
2.217
2.038 2.252
2.248
2.208
ns
Table 1–114. EP3SE80 Row Pins Output Timing Parameters (Part 5 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–115. EP3SE80 Column Pins Input Timing Parameters (Part 1 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
GCLK
t
su
-0.997
-1.029
-1.181 -1.169 -1.324 -1.269 -1.645 -1.133 -1.542 -1.230 -1.683
ns
t
h
1.133
1.184
1.415
1.436
1.618
1.551
1.927
1.411
1.858
1.524
1.966
ns
GCLK
PLL
t
su
0.960
0.994
1.879
2.224
2.401
2.288
2.194
2.277
2.567
2.345
2.245
ns
t
h
-0.691
-0.701
-1.428 -1.714 -1.834 -1.749 -1.648 -1.756 -1.968 -1.795 -1.697
ns
MINI-LVDS
t
su
-0.997
-1.029
-1.181 -1.169 -1.324 -1.269 -1.645 -1.133 -1.542 -1.230 -1.683
ns
GCLK
t
h
1.133
1.184
1.415
1.436
1.618
1.551
1.927
1.411
1.858
1.524
1.966
ns
tsu
0.960
0.994
1.879
2.224
2.401
2.288
2.194
2.277
2.567
2.345
2.245
ns
GCLK
PLL
t
h
-0.691
-0.701
-1.428 -1.714 -1.834 -1.749 -1.648 -1.756 -1.968 -1.795 -1.697
ns
RSDS
t
su
-0.997
-1.029
-1.181 -1.169 -1.324 -1.269 -1.645 -1.133 -1.542 -1.230 -1.683
ns
t
h
1.133
1.184
1.415
1.436
1.618
1.551
1.927
1.411
1.858
1.524
1.966
ns
GCLK
t
su
0.960
0.994
1.879
2.224
2.401
2.288
2.194
2.277
2.567
2.345
2.245
ns
th
-0.691
-0.701
-1.428 -1.714 -1.834 -1.749 -1.648 -1.756 -1.968 -1.795 -1.697
ns
DIFFERENTIAL
1.2-V HSTL
CLASS I
GCLK
t
su
-0.813
-0.852
-1.258 -1.368 -1.483 -1.423 -1.794 -1.368 -1.482 -1.428 -1.837
ns
t
h
0.942
0.999
1.460
1.595
1.731
1.659
2.031
1.604
1.739
1.674
2.075
ns
GCLK
PLL
t
su
1.144
1.171
1.802
2.025
2.242
2.134
2.045
2.042
2.260
2.147
2.091
ns
t
h
-0.882
-0.886
-1.383 -1.555 -1.721 -1.641 -1.544 -1.563 -1.729 -1.645 -1.588
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com