Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 255 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 255 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 251Page - Altera Corporation EP3SE110 Datasheet HTML 252Page - Altera Corporation EP3SE110 Datasheet HTML 253Page - Altera Corporation EP3SE110 Datasheet HTML 254Page - Altera Corporation EP3SE110 Datasheet HTML 255Page - Altera Corporation EP3SE110 Datasheet HTML 256Page - Altera Corporation EP3SE110 Datasheet HTML 257Page - Altera Corporation EP3SE110 Datasheet HTML 258Page - Altera Corporation EP3SE110 Datasheet HTML 259Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–245
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.2-V HSTL
CLASS II
GCLK
tsu
-0.813
-0.852
-1.258 -1.368 -1.483 -1.423 -1.794 -1.368 -1.482 -1.428 -1.837
ns
t
h
0.942
0.999
1.460
1.595
1.731
1.659
2.031
1.604
1.739
1.674
2.075
ns
GCLK
PLL
t
su
1.144
1.171
1.802
2.025
2.242
2.134
2.045
2.042
2.260
2.147
2.091
ns
t
h
-0.882
-0.886
-1.383 -1.555 -1.721 -1.641 -1.544 -1.563 -1.729 -1.645 -1.588
ns
DIFFERENTIAL
1.5-V HSTL
CLASS I
GCLK
t
su
-0.821
-0.864
-1.268 -1.379 -1.499 -1.439 -1.810 -1.379 -1.497 -1.443 -1.852
ns
t
h
0.950
1.011
1.470
1.606
1.747
1.675
2.047
1.615
1.754
1.689
2.090
ns
GCLK
PLL
t
su
1.136
1.159
1.792
2.014
2.226
2.118
2.029
2.031
2.245
2.132
2.076
ns
th
-0.874
-0.874
-1.373 -1.544 -1.705 -1.625 -1.528 -1.552 -1.714 -1.630 -1.573
ns
DIFFERENTIAL
1.5-V HSTL
CLASS II
GCLK
t
su
-0.821
-0.864
-1.268 -1.379 -1.499 -1.439 -1.810 -1.379 -1.497 -1.443 -1.852
ns
t
h
0.950
1.011
1.470
1.606
1.747
1.675
2.047
1.615
1.754
1.689
2.090
ns
GCLK
PLL
t
su
1.136
1.159
1.792
2.014
2.226
2.118
2.029
2.031
2.245
2.132
2.076
ns
t
h
-0.874
-0.874
-1.373 -1.544 -1.705 -1.625 -1.528 -1.552 -1.714 -1.630 -1.573
ns
DIFFERENTIAL
1.8-V HSTL
CLASS I
GCLK
tsu
-0.833
-0.875
-1.277 -1.390 -1.518 -1.458 -1.829 -1.390 -1.515 -1.461 -1.870
ns
t
h
0.962
1.022
1.480
1.617
1.766
1.694
2.066
1.626
1.772
1.707
2.108
ns
GCLK
PLL
t
su
1.124
1.148
1.783
2.003
2.207
2.099
2.010
2.020
2.227
2.114
2.058
ns
t
h
-0.862
-0.863
-1.363 -1.533 -1.686 -1.606 -1.509 -1.541 -1.696 -1.612 -1.555
ns
DIFFERENTIAL
1.8-V HSTL
CLASS II
GCLK
t
su
-0.833
-0.875
-1.277 -1.390 -1.518 -1.458 -1.829 -1.390 -1.515 -1.461 -1.870
ns
t
h
0.962
1.022
1.480
1.617
1.766
1.694
2.066
1.626
1.772
1.707
2.108
ns
GCLK
PLL
t
su
1.124
1.148
1.783
2.003
2.207
2.099
2.010
2.020
2.227
2.114
2.058
ns
th
-0.862
-0.863
-1.363 -1.533 -1.686 -1.606 -1.509 -1.541 -1.696 -1.612 -1.555
ns
DIFFERENTIAL
1.5-V SSTL
CLASS I
GCLK
t
su
-0.821
-0.864
-1.268 -1.379 -1.499 -1.439 -1.810 -1.379 -1.497 -1.443 -1.852
ns
t
h
0.950
1.011
1.470
1.606
1.747
1.675
2.047
1.615
1.754
1.689
2.090
ns
GCLK
PLL
t
su
1.136
1.159
1.792
2.014
2.226
2.118
2.029
2.031
2.245
2.132
2.076
ns
t
h
-0.874
-0.874
-1.373 -1.544 -1.705 -1.625 -1.528 -1.552 -1.714 -1.630 -1.573
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
GCLK
tsu
-0.821
-0.864
-1.268 -1.379 -1.499 -1.439 -1.810 -1.379 -1.497 -1.443 -1.852
ns
t
h
0.950
1.011
1.470
1.606
1.747
1.675
2.047
1.615
1.754
1.689
2.090
ns
GCLK
PLL
t
su
1.136
1.159
1.792
2.014
2.226
2.118
2.029
2.031
2.245
2.132
2.076
ns
t
h
-0.874
-0.874
-1.373 -1.544 -1.705 -1.625 -1.528 -1.552 -1.714 -1.630 -1.573
ns
DIFFERENTIAL
1.8-V SSTL
CLASS I
GCLK
t
su
-0.833
-0.875
-1.277 -1.390 -1.518 -1.458 -1.829 -1.390 -1.515 -1.461 -1.870
ns
t
h
0.962
1.022
1.480
1.617
1.766
1.694
2.066
1.626
1.772
1.707
2.108
ns
GCLK
PLL
t
su
1.124
1.148
1.783
2.003
2.207
2.099
2.010
2.020
2.227
2.114
2.058
ns
th
-0.862
-0.863
-1.363 -1.533 -1.686 -1.606 -1.509 -1.541 -1.696 -1.612 -1.555
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
GCLK
t
su
-0.833
-0.875
-1.277 -1.390 -1.518 -1.458 -1.829 -1.390 -1.515 -1.461 -1.870
ns
t
h
0.962
1.022
1.480
1.617
1.766
1.694
2.066
1.626
1.772
1.707
2.108
ns
GCLK
PLL
t
su
1.124
1.148
1.783
2.003
2.207
2.099
2.010
2.020
2.227
2.114
2.058
ns
t
h
-0.862
-0.863
-1.363 -1.533 -1.686 -1.606 -1.509 -1.541 -1.696 -1.612 -1.555
ns
Table 1–115. EP3SE80 Column Pins Input Timing Parameters (Part 2 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com