Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 257 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 257 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 253Page - Altera Corporation EP3SE110 Datasheet HTML 254Page - Altera Corporation EP3SE110 Datasheet HTML 255Page - Altera Corporation EP3SE110 Datasheet HTML 256Page - Altera Corporation EP3SE110 Datasheet HTML 257Page - Altera Corporation EP3SE110 Datasheet HTML 258Page - Altera Corporation EP3SE110 Datasheet HTML 259Page - Altera Corporation EP3SE110 Datasheet HTML 260Page - Altera Corporation EP3SE110 Datasheet HTML 261Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–247
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.5-V HSTL
CLASS I
GCLK
tsu
-0.758
-0.806
-1.154 -1.254 -1.359 -1.307
-1.649
-1.255 -1.360 -1.309 -1.693
ns
t
h
0.884
0.948
1.354
1.478
1.603
1.540
1.883
1.488
1.613
1.551
1.928
ns
GCLK
PLL
t
su
1.147
1.162
1.855
2.094
2.328
2.208
2.147
2.111
2.346
2.224
2.194
ns
t
h
-0.884
-0.882
-1.438 -1.629 -1.812 -1.720
-1.650
-1.635 -1.818 -1.725 -1.693
ns
DIFFERENTIAL
1.5-V HSTL
CLASS II
GCLK
t
su
-0.758
-0.806
-1.154 -1.254 -1.359 -1.307
-1.649
-1.255 -1.360 -1.309 -1.693
ns
t
h
0.884
0.948
1.354
1.478
1.603
1.540
1.883
1.488
1.613
1.551
1.928
ns
GCLK
PLL
t
su
1.147
1.162
1.855
2.094
2.328
2.208
2.147
2.111
2.346
2.224
2.194
ns
th
-0.884
-0.882
-1.438 -1.629 -1.812 -1.720
-1.650
-1.635 -1.818 -1.725 -1.693
ns
DIFFERENTIAL
1.8-V HSTL
CLASS I
GCLK
t
su
-0.772
-0.818
-1.163 -1.264 -1.377 -1.325
-1.667
-1.266 -1.377 -1.326 -1.710
ns
t
h
0.898
0.960
1.364
1.488
1.621
1.558
1.901
1.499
1.630
1.568
1.945
ns
GCLK
PLL
t
su
1.133
1.150
1.842
2.084
2.310
2.190
2.129
2.100
2.329
2.207
2.177
ns
t
h
-0.870
-0.870
-1.426 -1.619 -1.794 -1.702
-1.632
-1.624 -1.801 -1.708 -1.676
ns
DIFFERENTIAL
1.8-V HSTL
CLASS II
GCLK
tsu
-0.772
-0.818
-1.163 -1.264 -1.377 -1.325
-1.667
-1.266 -1.377 -1.326 -1.710
ns
t
h
0.898
0.960
1.364
1.488
1.621
1.558
1.901
1.499
1.630
1.568
1.945
ns
GCLK
PLL
t
su
1.133
1.150
1.842
2.084
2.310
2.190
2.129
2.100
2.329
2.207
2.177
ns
t
h
-0.870
-0.870
-1.426 -1.619 -1.794 -1.702
-1.632
-1.624 -1.801 -1.708 -1.676
ns
DIFFERENTIAL
1.5-V SSTL
CLASS I
GCLK
t
su
-0.758
-0.806
-1.154 -1.254 -1.359 -1.307
-1.649
-1.255 -1.360 -1.309 -1.693
ns
t
h
0.884
0.948
1.354
1.478
1.603
1.540
1.883
1.488
1.613
1.551
1.928
ns
GCLK
PLL
t
su
1.147
1.162
1.855
2.094
2.328
2.208
2.147
2.111
2.346
2.224
2.194
ns
th
-0.884
-0.882
-1.438 -1.629 -1.812 -1.720
-1.650
-1.635 -1.818 -1.725 -1.693
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
GCLK
t
su
-0.758
-0.806
-1.154 -1.254 -1.359 -1.307
-1.649
-1.255 -1.360 -1.309 -1.693
ns
t
h
0.884
0.948
1.354
1.478
1.603
1.540
1.883
1.488
1.613
1.551
1.928
ns
GCLK
PLL
t
su
1.147
1.162
1.855
2.094
2.328
2.208
2.147
2.111
2.346
2.224
2.194
ns
t
h
-0.884
-0.882
-1.438 -1.629 -1.812 -1.720
-1.650
-1.635 -1.818 -1.725 -1.693
ns
DIFFERENTIAL
1.8-V SSTL
CLASS I
GCLK
tsu
-0.772
-0.818
-1.163 -1.264 -1.377 -1.325
-1.667
-1.266 -1.377 -1.326 -1.710
ns
t
h
0.898
0.960
1.364
1.488
1.621
1.558
1.901
1.499
1.630
1.568
1.945
ns
GCLK
PLL
t
su
1.133
1.150
1.842
2.084
2.310
2.190
2.129
2.100
2.329
2.207
2.177
ns
t
h
-0.870
-0.870
-1.426 -1.619 -1.794 -1.702
-1.632
-1.624 -1.801 -1.708 -1.676
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
GCLK
t
su
-0.772
-0.818
-1.163 -1.264 -1.377 -1.325
-1.667
-1.266 -1.377 -1.326 -1.710
ns
t
h
0.898
0.960
1.364
1.488
1.621
1.558
1.901
1.499
1.630
1.568
1.945
ns
GCLK
PLL
t
su
1.133
1.150
1.842
2.084
2.310
2.190
2.129
2.100
2.329
2.207
2.177
ns
th
-0.870
-0.870
-1.426 -1.619 -1.794 -1.702
-1.632
-1.624 -1.801 -1.708 -1.676
ns
DIFFERENTIAL
2.5-V SSTL
CLASS I
GCLK
t
su
-0.781
-0.827
-1.178 -1.275 -1.384 -1.333
-1.673
-1.273 -1.378 -1.329 -1.712
ns
t
h
0.907
0.969
1.379
1.502
1.631
1.568
1.912
1.509
1.636
1.573
1.952
ns
GCLK
PLL
t
su
1.124
1.141
1.827
2.068
2.299
2.178
2.118
2.089
2.323
2.199
2.170
ns
t
h
-0.861
-0.861
-1.411 -1.601 -1.780 -1.688
-1.617
-1.610 -1.792 -1.699 -1.665
ns
Table 1–116. EP3SE80 Row Pins Input Timing Parameters (Part 2 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com