Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 262 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 262 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 258Page - Altera Corporation EP3SE110 Datasheet HTML 259Page - Altera Corporation EP3SE110 Datasheet HTML 260Page - Altera Corporation EP3SE110 Datasheet HTML 261Page - Altera Corporation EP3SE110 Datasheet HTML 262Page - Altera Corporation EP3SE110 Datasheet HTML 263Page - Altera Corporation EP3SE110 Datasheet HTML 264Page - Altera Corporation EP3SE110 Datasheet HTML 265Page - Altera Corporation EP3SE110 Datasheet HTML 266Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 341 page
background image
1–252
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–118 lists the EP3SE80 row pins output timing parameters for differential I/O
standards.
Table 1–118. EP3SE80 Row Pins Output Timing Parameters (Part 1 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
—
GCLK
t
co
2.744
2.932
4.083 4.440 4.901 4.771 5.049 4.540
5.002
4.873
5.107
ns
GCLK
PLL
t
co
0.931
1.057
1.249 1.300 1.458 1.480 1.486 1.382
1.545
1.563
1.456
ns
LVDS_E_1R
—
GCLK
t
co
3.136
3.376
4.754 5.156 5.664 5.526 5.797 5.281
5.790
5.652
5.871
ns
GCLK
PLL
t
co
1.333
1.511
1.930 2.026 2.231 2.245 2.243 2.133
2.343
2.352
2.229
ns
LVDS_E_3R
—
GCLK
t
co
3.118
3.366
4.792 5.202 5.718 5.580 5.851 5.332
5.851
5.713
5.932
ns
GCLK
PLL
t
co
1.315
1.501
1.968 2.072 2.285 2.299 2.297 2.184
2.404
2.413
2.290
ns
MINI-LVDS
—
GCLK
t
co
2.744
2.932
4.083 4.440 4.901 4.771 5.049 4.540
5.002
4.873
5.107
ns
GCLK
PLL
t
co
0.931
1.057
1.249 1.300 1.458 1.480 1.486 1.382
1.545
1.563
1.456
ns
MINI-
LVDS_E_1R
—
GCLK
t
co
3.136
3.376
4.754 5.156 5.664 5.526 5.797 5.281
5.790
5.652
5.871
ns
GCLK
PLL
tco
1.333
1.511
1.930 2.026 2.231 2.245 2.243 2.133
2.343
2.352
2.229
ns
MINI-
LVDS_E_3R
—
GCLK
t
co
3.118
3.366
4.792 5.202 5.718 5.580 5.851 5.332
5.851
5.713
5.932
ns
GCLK
PLL
t
co
1.315
1.501
1.968 2.072 2.285 2.299 2.297 2.184
2.404
2.413
2.290
ns
RSDS
—
GCLK
t
co
2.744
2.932
4.083 4.440 4.901 4.771 5.049 4.540
5.002
4.873
5.107
ns
GCLK
PLL
t
co
0.931
1.057
1.249 1.300 1.458 1.480 1.486 1.382
1.545
1.563
1.456
ns
RSDS_E_1R
—
GCLK
t
co
3.136
3.376
4.754 5.156 5.664 5.526 5.797 5.281
5.790
5.652
5.871
ns
GCLK
PLL
t
co
1.333
1.511
1.930 2.026 2.231 2.245 2.243 2.133
2.343
2.352
2.229
ns
RSDS_E_3R
—
GCLK
t
co
3.118
3.366
4.792 5.202 5.718 5.580 5.851 5.332
5.851
5.713
5.932
ns
GCLK
PLL
t
co
1.315
1.501
1.968 2.072 2.285 2.299 2.297 2.184
2.404
2.413
2.290
ns
DIFFERENTIAL
1.2-V
HSTL CLASS I
4mA
GCLK
t
co
3.162
3.409
4.828 5.236 5.751 5.613 5.884 5.365
5.880
5.742
5.961
ns
GCLK
PLL
t
co
1.359
1.544
2.004 2.106 2.318 2.332 2.330 2.217
2.433
2.442
2.319
ns
6mA
GCLK
tco
3.148
3.395
4.815 5.223 5.738 5.600 5.871 5.351
5.867
5.729
5.948
ns
GCLK
PLL
t
co
1.345
1.530
1.991 2.093 2.305 2.319 2.317 2.203
2.420
2.429
2.306
ns
8mA
GCLK
t
co
3.144
3.391
4.813 5.223 5.739 5.601 5.872 5.351
5.869
5.731
5.950
ns
GCLK
PLL
t
co
1.341
1.526
1.989 2.093 2.306 2.320 2.318 2.203
2.422
2.431
2.308
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com