Electronic Components Datasheet Search
  English  ▼

X  

THS1031CPWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS1031CPWRG4
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  THS1031CPWRG4 Datasheet HTML 1Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 2Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 3Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 4Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 5Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 6Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 7Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 8Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range: AVDD to AGND, DVDD to DGND
– 0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AGND to DGND
– 0.3 V to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AVDD to DVDD
– 6.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Mode input voltage range, MODE to AGND
– 0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage input range, REFTF, REFTB, REFTS, REFBS to AGND
– 0.3 V to AVDD + 0.3 V
. . . . . . .
Analog input voltage range, AIN to AGND
– 0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range, VREF to AGND
– 0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference output voltage range, VREF to AGND
– 0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clock input voltage range, CLK to AGND
– 0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, digital input to DGND
– 0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range, digital output to DGND
– 0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
0
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 in) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
digital inputs
MIN
NOM
MAX
UNIT
High level input voltage VIH
Clock input
0.8
× AVDD
V
High-level input voltage, VIH
All other inputs
0.8
× DVDD
V
Low-level input voltage VIL
Clock input
0.2
× AVDD
V
Low-level in ut voltage, VIL
All other inputs
0.2
× DVDD
V
analog inputs
MIN
NOM
MAX
UNIT
Analog input voltage, VI(AIN) (PGA = 1x, top, bottom, or external reference mode)
REFBS
REFTS
V
Reference input voltage, VI(VREF)
1
2
V
Clamp input voltage, VI(CLAMPIN)
0.1
AVDD–0.1
V
power supply
MIN
NOM
MAX
UNIT
Supply voltage
Maximum sampling rate = 30 MSPS
AVDD
3
3.3
5.5
V
Supply voltage
Maximum sampling rate = 30 MSPS
DVDD
3
3.3
5.5
V
REFTS, REFBS reference voltages (MODE = AVDD)
PARAMETER
MIN
NOM
MAX
UNIT
REFTS
Reference input voltage (top)
1
AVDD
V
REFBS
Reference input voltage (bottom)
0
AVDD–1
V
Differential input voltage (REFTS – REFBS)
1
2
V
Switched input capacitance on REFTS or REFBS
0.6
pF
sampling rate and resolution
PARAMETER
MIN
NOM
MAX
UNIT
fs
Sample frequency
5
30
MHz
Resolution
10
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com