Electronic Components Datasheet Search
  English  ▼

X  

THS1031CPWRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # THS1031CPWRG4
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS1031CPWRG4 Datasheet HTML 9Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 10Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 11Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 12Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 13Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 14Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 15Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 16Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The analog input AIN is sampled in the sample-and-hold unit, the output of which goes to a programmable gain
amplifier (PGA). The PGA feeds the ADC core, where the process of analog to digital conversion is performed
against ADC reference voltages, REFTF and REFBF.
Connecting the MODE pin to one of three voltages, AGND, AVDD or AVDD/2 sets up operating configurations.
The three settings open or close internal switches to select one of the three basic methods of ADC reference
generation.
Depending on the user’s choice of operating configuration, the ADC reference voltages may come from the
internal reference buffer (IRB) or may be fed from completely external sources. Where the reference buffer is
employed, the user can choose to drive it from the onboard reference generator (ORG), or may use an external
voltage source. A specific configuration is selected by connections to the REFSENSE, VREF, REFTS and
REFBS, and REFTF and REFBF pins, along with any external voltage sources selected by the user.
The THS1031 offers a clamp function for dc restoration of ac-coupled signals. The clamp voltage may be set
digitally via the 10-bit clamp DAC or by the analog level applied to the CLAMPIN input.
The ADC core drives out through output buffers to the I/O pins I/O0 to I/O9. The output buffers can be disabled
by the OE pin. Control input data on I/O0 to I/O9 can then be written, by pulses on WR, to the control registers.
These registers control clamp operation, output format (unsigned binary or twos complement), the PGA gain
setting and the device power down function.
A single-ended, sample-rate clock (30 MHz maximum) is required at pin CLK. The analog input signal is
sampled on the rising edge of CLK, and corresponding data is output after the following third rising edge.
The user-chosen operating configuration and reference voltages determine what input signal voltage range the
THS1031 can handle.
The following sections explain:
D The internal signal flow of the device, and how the input signal span is related to the ADC reference voltages;
D The ways in which the ADC reference voltages can be buffered internally, or externally applied;
D How to set the onboard reference generator output, if required, and several examples of complete
configurations.
D Subsequent sections explain the clamp function and digital controls, followed by more detailed application
information.
signal processing chain (sample and hold, PGA, ADC)
Figure 11 shows the signal flow through the sample and hold unit and the PGA to the ADC core.
Sample
and
Hold
1
–1/2
–1/2
ADC
Core
VP+
VP–
PGA
VQ+
VQ–
REFTF
REFBF
AIN
REFTS
REFBS
Figure 11. Analog Input Signal Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com