Electronic Components Datasheet Search
  English  ▼

X  

THS1031CPWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS1031CPWRG4
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  THS1031CPWRG4 Datasheet HTML 1Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 2Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 3Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 4Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 5Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 6Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 7Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 8Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, AVDD = 3 V, DVDD = 3 V,
fs = 30 MSPS/50% duty cycle, MODE = AVDD, 2-V input span from 0.5 V to 2.5 V, external reference,
PGA = 1X, TA = Tmin to Tmax (unless otherwise noted)
analog inputs
PARAMETER
MIN
TYP
MAX
UNIT
VI(AIN)
Analog input voltage
REFBS
REFTS
V
CI
Switched sampling input capacitance
1.2
pF
BW
Full power bandwidth (– 3 dB)
150
MHz
Ilkg
DC leakage current (input =
± FS)
100
µA
VREF reference voltages
PARAMETER
MIN
TYP
MAX
UNIT
Internal 1-V reference voltage (REFSENSE = VREF)
0.95
1
1.05
V
Internal 2-V reference voltage (REFSENSE = AVSS)
1.90
2
2.10
V
External reference voltage (REFSENSE = AVDD)
1
2
V
Reference input resistance (REFSENSE = AVDD, MODE = AVDD/2)
18
k
Ω
REFTF, REFBF reference voltages
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential input voltage (REFTF – REFBF)
1
2
V
Input common mode voltage (REFTF + REFBF)/2
AVDD = 3 V
1.3
1.5
1.7
V
Input common mode voltage (REFTF + REFBF)/2
AVDD = 5 V
2
2.5
3
V
VREF=1V
AVDD = 3 V
2
V
REFTF voltage (MODE = AVDD)
VREF = 1 V
AVDD = 5 V
3
V
REFTF voltage (MODE = AVDD)
VREF=2V
AVDD = 3 V
2.5
V
VREF = 2 V
AVDD = 5 V
3.5
V
VREF=1V
AVDD = 3 V
1
V
REFBF voltage (MODE = AVDD)
VREF = 1 V
AVDD = 5 V
2
V
REFBF voltage (MODE = AVDD)
VREF=2V
AVDD = 3 V
0.5
V
VREF = 2 V
AVDD = 5 V
1.5
V
Input resistance between REFTF and REFBF
680
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com