Electronic Components Datasheet Search
  English  ▼

X  

THS1031CPWRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # THS1031CPWRG4
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS1031CPWRG4 Datasheet HTML 17Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 18Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 19Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 20Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 21Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 22Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 23Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 24Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
onboard reference generator configuration (continued)
_
+
VBG
Internal
Reference
Buffer
Mode =
REFSENSE
0.1
µF 1 µF
Tantalum
AGND
VREF = 2 V
10 k
Ω
10 k
Ω
_
+
AVDD
2
Figure 21. 2-V VREF Using ORG
_
+
VBG
Internal
Reference
Buffer
Mode =
REFSENSE
0.1
µF 1 µF
Tantalum
AGND
VREF = 1 + (Ra/Rb)
Ra
Rb
_
+
AVDD
2
Figure 22. External Divider Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com