Electronic Components Datasheet Search
  English  ▼

X  

THS1031CPWRG4 Datasheet(PDF) 25 Page - Texas Instruments

Part # THS1031CPWRG4
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWRG4 Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS1031CPWRG4 Datasheet HTML 21Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 22Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 23Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 24Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 25Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 26Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 27Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 28Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
clamp operation (continued)
Line Sync
Black
Level
Video at AIN
CLAMP
Figure 29. Example Waveforms for Line-Clamping to a Video Input Black Level
clamp DAC output voltage range and limits
When using the internal clamp DAC in top/bottom or center span mode, the user must ensure that the desired
dc clamp level at AIN lies within the voltage range VREFBF to VREFTF. This is because the clamp DAC voltage
is constrained to lie within this range VREFBF to VREFTF. Specifically:
VDAC
+ V
REFBF ) (VREFTF * VREFBF)
(0.006
) 0.988
(DAC code) 1024)
DAC codes can range from 0 to 1023. Figure 30 graphically shows the clamp DAC output voltage versus the
DAC code.
VDAC
0
1023
VREFBF + 0.006(VREFTF–VREFBF)
VREFBF + 0.987(VREFTF–VREFBF)
DAC Code
VREFTF
VREFBF
Figure 30. Clamp DAC Output Voltage Versus DAC Register Code Value
If the desired dc level at AIN does not lie within the voltage range VREFTF to VREFBF, then either the CLAMPIN
pin can be used instead to provide a suitable reference voltage, or it may be possible to redesign the application
to move the AIN input range into the CLAMP DAC voltage range. This is achieved in both top/bottom and center
span modes by shifting both REFTS and REFBS up or down by the voltage through which the AIN input range
is to be moved.
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com