Electronic Components Datasheet Search
  English  ▼

X  

LP55231 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 34Page - Texas Instruments LP55231 Datasheet HTML 35Page - Texas Instruments LP55231 Datasheet HTML 36Page - Texas Instruments LP55231 Datasheet HTML 37Page - Texas Instruments LP55231 Datasheet HTML 38Page - Texas Instruments LP55231 Datasheet HTML 39Page - Texas Instruments LP55231 Datasheet HTML 40Page - Texas Instruments LP55231 Datasheet HTML 41Page - Texas Instruments LP55231 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
Instruction Set
The LP55231 has three independent programmable execution engines. All the program execution engines have
their own program memory block allocated by the user. Note that in order to access program memory the
operation mode needs to be load program, at least for one of the three program execution engines. Program
execution is clocked with a 32.7 kHz clock. This clock can be generated internally or an external 32 kHz clock
can be connected to CLK pin. Using an external clock enables synchronization of LED timing to the external
clock signal.
Supported instruction set is listed in the tables below:
Table 4. LP55231 LED Driver Instructions
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Inst.
Bit [9] Bit [8]
Bit [6] Bit [5] Bit [4] Bit [3] Bit [2] Bit [1] Bit [0]
[15]
[14]
[13]
[12]
[11]
[10]
[7]
pre-
ramp(1)
0
step time
sign
# of increments
scale
pre-
# of
ramp(2)
1
0
0
0
0
1
0
0
0
0
sign
step time
scale
increments
set_pwm(1
0
1
0
0
0
0
0
0
PWM value
)
set_pwm(2
1
0
0
0
0
1
0
0
0
1
1
0
0
0
PWM value
)
pre-
wait
0
time
0
0
0
0
0
0
0
0
0
scale
(1)
This opcode is used with numerical operands.
(2)
This opcode is used with variables.
Table 5. LP55231 LED Mapping Instructions
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Inst.
Bit [4]
Bit [2]
Bit [0]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7]
[6]
[5]
[3]
[1]
mux_ld_start
1
0
0
1
1
1
1
0
0
SRAM address 0-95
mux_map_start
1
0
0
1
1
1
0
0
0
SRAM address 0-95
mux_ld_end
1
0
0
1
1
1
0
0
1
SRAM address 0 - 95
mux_sel
1
0
0
1
1
1
0
1
0
LED select
mux_clr
1
0
0
1
1
1
0
1
0
0
0
0
0
0
0
0
mux_map_next
1
0
0
1
1
1
0
1
1
0
0
0
0
0
0
0
mux_map_prev
1
0
0
1
1
1
0
1
1
1
0
0
0
0
0
0
mux_ld_next
1
0
0
1
1
1
0
1
1
0
0
0
0
0
0
1
mux_ld_prev
1
0
0
1
1
1
0
1
1
1
0
0
0
0
0
1
mux_ld_addr
1
0
0
1
1
1
1
1
0
SRAM address 0-95
mux_map_addr
1
0
0
1
1
1
1
1
1
SRAM address 0-95
Table 6. LP55231 Branch Instructions
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Inst.
Bit [8]
Bit [6]
Bit [5]
Bit [3] Bit [2]
Bit [1] Bit [0]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[7]
[4]
rst
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
branch(1)
1
0
1
loop count
step number
branch(2)
1
0
0
0
0
1
1
step number
loop count
int
1
1
0
0
0
1
0
0
0
0
0
0
0
0
0
0
end
1
1
0
int
reset
0
0
0
0
0
0
0
0
0
0
0
(1)
This opcode is used with numerical operands.
(2)
This opcode is used with variables.
38
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com