Electronic Components Datasheet Search
  English  ▼

X  

LP55231 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 38Page - Texas Instruments LP55231 Datasheet HTML 39Page - Texas Instruments LP55231 Datasheet HTML 40Page - Texas Instruments LP55231 Datasheet HTML 41Page - Texas Instruments LP55231 Datasheet HTML 42Page - Texas Instruments LP55231 Datasheet HTML 43Page - Texas Instruments LP55231 Datasheet HTML 44Page - Texas Instruments LP55231 Datasheet HTML 45Page - Texas Instruments LP55231 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
MUX_MAP_START
Mux_map_start defines the mapping table start address in the memory, and the first row of the table will be
activated (mapped) at the same time.
Name
Value (d)
Description
SRAM address
0-95
Mapping table start address
MUX_SEL
With mux_sel instruction one, and only one, LED driver can be connected to a program execution engine.
Connecting multiple LEDs to one engine is done with the mapping table. After the mapping has been released
from an LED, PWM register value will still control the LED brightness.
Name
Value (d)
Description
0 = no drivers selected
1 = LED1 selected
LED select
0-16
2 = LED2 selected
...
9 = LED9 selected
MUX_CLR
Mux_clr clears engine-to-driver mapping. After the mapping has been released from an LED, the PWM register
value will still control the LED brightness.
MUX_MAP_NEXT
This instruction sets the next row active in the mapping table each time it is called. For example, if the 2nd row is
active at this moment, after mux_map_next instruction call the 3rd row will be active. If the mapping table end
address is reached, activation will roll to the mapping table start address next time when the mux_map_next
instruction is called. Engine will not push a new PWM value to the LED driver output before set_pwm or ramp
instruction is executed. If the mapping has been released from an LED, the value in the PWM register will still
control the LED brightness.
MUX_LD_NEXT
Similar than the mux_map_next instruction, but only the index pointer will be set to point to the next row i.e. no
mapping will be set and the engine-to-LED-driver connection will not be updated.
MUX_MAP_PREV
This instruction sets the previous row active in the mapping table each time it is called. For example, if the 3rd
row is active at this moment, after mux_map_prev instruction call the 2nd row will be active. If the mapping table
start address is reached, activation will roll to the mapping table end address next time the mux_map_prev
instruction is called. Engine will not push a new PWM value to the LED driver output before set_pwm or ramp
instruction is executed. If the mapping has been released from an LED, the value in the PWM register will still
control the LED brightness.
MUX_LD_PREV
Similar than the mux_map_prev instruction, but only the index pointer will be set to point to the previous row i.e.
no mapping will be set and the engine-to-LED-driver connection will not be updated.
MUX_MAP_ADDR
Mux_map_addr sets the index pointer to point the mapping table row defined by bits [6:0] and sets the row
active. Engine will not push a new PWM value to the LED driver output before set_pwm or ramp instruction is
executed. If the mapping has been released from an LED, the value in the PWM register will still control the LED
brightness.
Name
Value (d)
Description
SRAM address
0-95
Any SRAM address containing mapping data.
42
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com