Electronic Components Datasheet Search
  English  ▼

X  

FX033Z Datasheet(PDF) 12 Page - Texas Instruments

Part # FX033Z
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX033Z Datasheet(HTML) 12 Page - Texas Instruments

Back Button FX033Z Datasheet HTML 8Page - Texas Instruments FX033Z Datasheet HTML 9Page - Texas Instruments FX033Z Datasheet HTML 10Page - Texas Instruments FX033Z Datasheet HTML 11Page - Texas Instruments FX033Z Datasheet HTML 12Page - Texas Instruments FX033Z Datasheet HTML 13Page - Texas Instruments FX033Z Datasheet HTML 14Page - Texas Instruments FX033Z Datasheet HTML 15Page - Texas Instruments FX033Z Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
TPS51363
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE RIPPLE
OUTPUT VOLTAGE RIPPLE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 19. f = 800kHz, VIN = 20V, IOUT = 0.1A
Figure 20. f = 800kHz, VIN = 20V, IOUT = 8A
TRANSIENT PERFORMANCE
TRANSIENT PERFORMANCE
vs
vs
SWITCHING FREQUENCY
SWITCHING FREQUENCY
Figure 21. f = 400kHz, VIN = 20V, IOUT = 0–5A
Figure 22. f = 800kHz, VIN = 20V, IOUT = 0–6A
vs
vs
START-UP
START-UP
Figure 23. f = 400kHz, VIN = 20V, IOUT = 8A
Figure 24. f = 800kHz, VIN = 20V, IOUT = 0A
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com