Electronic Components Datasheet Search
  English  ▼

X  

FX033Z Datasheet(PDF) 24 Page - Texas Instruments

Part # FX033Z
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX033Z Datasheet(HTML) 24 Page - Texas Instruments

Back Button FX033Z Datasheet HTML 20Page - Texas Instruments FX033Z Datasheet HTML 21Page - Texas Instruments FX033Z Datasheet HTML 22Page - Texas Instruments FX033Z Datasheet HTML 23Page - Texas Instruments FX033Z Datasheet HTML 24Page - Texas Instruments FX033Z Datasheet HTML 25Page - Texas Instruments FX033Z Datasheet HTML 26Page - Texas Instruments FX033Z Datasheet HTML 27Page - Texas Instruments FX033Z Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
TPS51363
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
REVISION HISTORY
NOTE: Page numbers of current version may differ from previous versions.
Changes from Original (February 2013) to Revision A
Page
•
Added MIN and MAX values to IOCL spec in Elec Char table ............................................................................................... 5
•
Changed the Functional Block Diagram VREFIN signal line identifier on the UV-detect device from "VREFIN – 32%" to
"VREFIN – 34%". Changed signal line identifier on the high-side comparator from "VREFIN+ 8/20%" to "VREFIN+ 20%".
Changed the high-side device symbol from hysteresis to a comparator. Changed signal line identifier on the low-
side device from "VREFIN– 8/32%" to "VREFIN– 8/34%. ........................................................................................................... 8
•
Added Land pads for a 0.1-µF capacitor between VIN and PGND of the TPS51363 Design Layout figure. .................... 21
•
Added a 0.1-µF capacitor symbol between VIN and PGND of the Design 1: Application Schematic. ............................... 22
•
Changed LOUT inductor part number from PIMB063T to PIMB063T-R68MS-63 in Design 1: List of Materials table. ....... 22
•
Changed text from "LPDDR3" to "DDR3L" in Design 2 description section. ...................................................................... 23
•
Added 0.1 µF capacitor symbol between VIN and PGND in Design 2: Application Schematic figure ............................... 23
•
Changed LOUT inductor spec from 1 µH, 6.5 mΩ to 6.7 mΩ, and part number from PCME063T to PIMB063T-
1R0MS-63 in Design 2: List of Materials table. .................................................................................................................. 23
24
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com