Electronic Components Datasheet Search
  English  ▼

X  

FX033Z Datasheet(PDF) 19 Page - Texas Instruments

Part # FX033Z
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX033Z Datasheet(HTML) 19 Page - Texas Instruments

Back Button FX033Z Datasheet HTML 15Page - Texas Instruments FX033Z Datasheet HTML 16Page - Texas Instruments FX033Z Datasheet HTML 17Page - Texas Instruments FX033Z Datasheet HTML 18Page - Texas Instruments FX033Z Datasheet HTML 19Page - Texas Instruments FX033Z Datasheet HTML 20Page - Texas Instruments FX033Z Datasheet HTML 21Page - Texas Instruments FX033Z Datasheet HTML 22Page - Texas Instruments FX033Z Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
SLEW
SLEW
OUT
dt
C
I
10 nF
V
=
´
=
D
(
)
(
)
OUT
IN
OUT
SW
IN
P P
P P
V
1.05V
V
V
19.5 V
1.05 V
f
V
800 kHz
19.5 V
V
dT
L
0.68 H
I
I
1.8 A
-
-
æ
ö
æ
ö
-
´
-
´
ç
÷
ç
÷
´
´
´
è
ø
è
ø
=
=
=
=
m
TPS51363
www.ti.com
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
DESIGN PROCEDURE
Introduction
The simplified design procedure is done for a VCCIO rail for Intel platform application using TPS51363.
Step One: Determine the system specifications.
The VCCIO rail requirements provide the following key parameters:
•
VOUT = 1.05 V
•
ICC(max) = 6 A
•
IDYN(max) = 4 A
Step Two: Determine the power supply design specifications.
The input voltage range and operating frequency are of primary interest. For this example:
•
7.4 V
≤ VIN ≤ 19.5 V
•
fSW = 800 kHz
Step Three: Set the output voltage.
TPS51363 supports resistor-less fixed voltage operation by the use of both REFIN and REFIN2 pins (see
Table 2). Grounding both REFIN and REFIN2 pins provides a 1.05-V fixed output setpoint.
Step Four: Determine inductance value and choose inductor.
Smaller values of inductor have better transient performance and smaller physical size but higher ripple and
lower efficiency. Higher values have the opposite characteristics. It is common practice to limit the ripple current
to 25% to 50% of the maximum current. For this example,use 30% as a starting point. IL(P-P)= 6 A × 0.30 = 1.8 A.
For a switching frequency of 800 kHz, maximum 19.5-V input and 1.05-V output.
(5)
For this application, a 0.68-µH, 6.8-mm × 7.3-mm × 3.0-mm inductor with typical DCR of 4.8 m
Ω and heating
current of 16 A is chosen. The Cyntec part number of the inductor is PIMB063T.
Step Five: Calculate SLEW capacitance.
The SLEW pin is used to program the soft-start time. During soft-start operation, the current source used to
program the SLEW rate is 10 µA (typ). In this design example, the soft-start timing should be target to be in the
range of 500 µs to 2 ms. The proper slew rate design minimizes large inductor current perturbation during the
startup, thus reducing the possibility of acoustic noise in the system.
(6)
•
ISLEW = 10 µA,
•
dt = tSS = 1 ms
•
ΔVOUT = 1.05 V
Step Six: Select the proper OCL.
There are two options for the over current limit (see Table 4). For this application example, because ICC(max) =
6 A, the proper OCL level should be set at least 30% over the ICC(max) level, which makes the 8-A OCL
appropriate for this design. Grounding the TRIP pin achieves this effect.
Step Seven: Determine the output capacitance.
The amount of the output capacitance needed for this design is both a function of loop stability and of transient
requirement.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS51363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com