Electronic Components Datasheet Search
  English  ▼

X  

FX033Z Datasheet(PDF) 16 Page - Texas Instruments

Part # FX033Z
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX033Z Datasheet(HTML) 16 Page - Texas Instruments

Back Button FX033Z Datasheet HTML 12Page - Texas Instruments FX033Z Datasheet HTML 13Page - Texas Instruments FX033Z Datasheet HTML 14Page - Texas Instruments FX033Z Datasheet HTML 15Page - Texas Instruments FX033Z Datasheet HTML 16Page - Texas Instruments FX033Z Datasheet HTML 17Page - Texas Instruments FX033Z Datasheet HTML 18Page - Texas Instruments FX033Z Datasheet HTML 19Page - Texas Instruments FX033Z Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
( )
(
)
IN
OUT
OUT
LOAD LL
X
IN
SW
V
V
V
1
I
2
L
V
f
-
=
´
´
´
PWM
Comparator
Control
Logic
and
Driver
LX
RLOAD
22
CC1
VIN
VSNS
G
26
VREF
2.0 V
–
+
RC1
CC2
RC2
R1
R2
TPS51363
VOUT
ESR
COUT
SW
21
SLEW
C1
+
–
25
REFIN
+
UDG-13014
PGND
CSP
CSN
LC
0
OUT
OUT
1
1
f
f
10
2
L
C
=
£
´
p ´
´
TPS51363
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
The device operates at two distinct switching frequencies, 400 kHz and 800 kHz. The switching frequency is
configured by MODE pin for this converter operation (see Table 3). For stable operation of the buck converter, it
is generally recommended to have a unity gain crossover (f0) of 1/4 or 1/3 or the switching frequency. (see
Table 3).
Table 3. Mode and Recommended Frequency Settings
FREQUENCY (kHz)
MODE
CROSSOVER (f0)
SWITCHING (fSW)
MIN
MAX
GND
100
133
400
FLOAT
200
267
800
Given the range of the recommended unity gain frequency, the power stage design is flexible, as long as the
following equation is satisfied.
(2)
Operating in D-CAP2 mode, the overall loop response is dominated by the internal phase compensation network.
The compensation network is designed to have two identical zeros at 4 kHz (400-kHz operation) and 8 kHz (800-
kHz operation) in the frequency domain, which serves the purpose of splitting the LC double pole into one low
frequency pole (same as the L-C double pole) and one high-frequency pole (greater than the unity gain
crossover frequency).
Figure 30. Simplified Architecture Illustrating DCAP2 Mode
Light-Load Operation
The mandatory light load operation for TPS51363 is referred to as auto skip. In auto-skip mode, the control logic
automatically reduces its switching frequency to improve light load efficiency. To achieve this intelligence, a zero
crossing detection comparator is used to prevent negative inductor current by turning off the low side FET when
the SW crossing zero is detected. The equation below shows the boundary load condition of this skip mode and
continuous conduction operation.
(3)
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com