Electronic Components Datasheet Search
  English  ▼

X  

FX033Z Datasheet(PDF) 22 Page - Texas Instruments

Part # FX033Z
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX033Z Datasheet(HTML) 22 Page - Texas Instruments

Back Button FX033Z Datasheet HTML 18Page - Texas Instruments FX033Z Datasheet HTML 19Page - Texas Instruments FX033Z Datasheet HTML 20Page - Texas Instruments FX033Z Datasheet HTML 21Page - Texas Instruments FX033Z Datasheet HTML 22Page - Texas Instruments FX033Z Datasheet HTML 23Page - Texas Instruments FX033Z Datasheet HTML 24Page - Texas Instruments FX033Z Datasheet HTML 25Page - Texas Instruments FX033Z Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
TPS51363
UDG-13029
1
2
3
4
5
6
7
8
9
0.1 mF
0.68 mH
8 x 22 mF
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PGND
PGND
PGND
PGND
PGND
SW
SW
SW
SW
NC
MODE
NU
PGOOD
BST
REFIN2
REFIN
VREF
NU
EN
VIN
VIN
VIN
V5
TRIP
SLEW
VSNS
GSNS
GND
10 nF
2.2 mF
0.1 mF
EN
PGOOD
GSNS
VSNS
VIN
VOUT
1.05 V
7.4 V
to
20 V
V5
5V
GND
GND
2 x 10 mF
0.1 F
μ
TPS51363
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
REFERENCE DESIGNS
This section describes two typical application circuits using the TPS51363.
Design 1
This design is a VCCIO application with an output voltage of 1.05 V, maximum processor current (ICC(max)) of 6 A,
an OCL of 8 A and a switching frequency of 800 kHz.
Figure 32. Design 1: Application Schematic
Table 5. Design 1: List of Materials
REFERENCE
QTY
SPECIFICATION
MANUFACTURER
PART NUMBER
DESIGNATOR
CIN
2
10 µF, 25 V
Taiyo Yuden
TMK325BJ106MM
COUT
8
22 µF, 6.3 V
Murata
GRM21BB30J226ME38
LOUT
1
0.68 µH, 4.8 m
Ω
Cyntec
PIMB063T-R68MS-63
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com