Electronic Components Datasheet Search
  English  ▼

X  

MIC2102YML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2102YML
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102YML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2102YML Datasheet HTML 2Page - Micrel Semiconductor MIC2102YML Datasheet HTML 3Page - Micrel Semiconductor MIC2102YML Datasheet HTML 4Page - Micrel Semiconductor MIC2102YML Datasheet HTML 5Page - Micrel Semiconductor MIC2102YML Datasheet HTML 6Page - Micrel Semiconductor MIC2102YML Datasheet HTML 7Page - Micrel Semiconductor MIC2102YML Datasheet HTML 8Page - Micrel Semiconductor MIC2102YML Datasheet HTML 9Page - Micrel Semiconductor MIC2102YML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Micrel, Inc.
MIC2101/02
August 2012
6
M9999-080712-A
Typical Characteristics
VIN Operating Supply Current
vs. Input Voltage (MIC2101)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
4
9
14
19
24
29
34
INPUT VOLTAGE (V)
VOUT = 3.3V
IOUT = 0A
Output Regulation
vs. Input Voltage (MIC2101)
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
5
1015
20253035
INPUT VOLTAGE (V)
VOUT = 3.3V
IOUT = 0A to 12A
VIN Operating Supply Current
vs. Input Voltage (MIC2101)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
5
10
152025
3035
INPUT VOLTAGE (V)
VOUT = 1.2V
IOUT = 0A
Output Regulation
vs. Input Voltage (MIC2101)
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
5
10
1520
2530
35
INPUT VOLTAGE (V)
VOUT = 1.2V
IOUT = 0A to 12A
Feedback Voltage
vs. Input Voltage (MIC2101)
0.776
0.784
0.792
0.800
0.808
0.816
0.824
5
10
15
20253035
INPUT VOLTAGE (V)
VOUT = 3.3V
IOUT = 0A
Output Voltage
vs. Input Voltage (MIC2101)
3.217
3.234
3.250
3.267
3.283
3.300
3.316
3.333
5
1015202530
35
INPUT VOLTAGE (V)
VOUT = 3.3V
IOUT = 0A
Output Voltage
vs. Input Voltage (MIC2101)
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
1.212
5
1015
20
2530
35
INPUT VOLTAGE (V)
VOUT = 1.2V
IOUT = 0A
VIN Operating Supply Current
vs. Temperature (MIC2101)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V
VOUT = 3.3V
IOUT = 0A
Feedback Voltage
vs. Temperature (MIC2101)
0.792
0.796
0.800
0.804
0.808
-50
-25
0
25
50
75
100 125
TEMPERATURE (°C)
VIN = 12V
VOUT = 3.3V
IOUT = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com