Electronic Components Datasheet Search
  English  ▼

X  

MIC2102YML Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MIC2102YML
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102YML Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MIC2102YML Datasheet HTML 23Page - Micrel Semiconductor MIC2102YML Datasheet HTML 24Page - Micrel Semiconductor MIC2102YML Datasheet HTML 25Page - Micrel Semiconductor MIC2102YML Datasheet HTML 26Page - Micrel Semiconductor MIC2102YML Datasheet HTML 27Page - Micrel Semiconductor MIC2102YML Datasheet HTML 28Page - Micrel Semiconductor MIC2102YML Datasheet HTML 29Page - Micrel Semiconductor MIC2102YML Datasheet HTML 30Page - Micrel Semiconductor MIC2102YML Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Micrel, Inc.
MIC2101/02
August 2012
27
M9999-080712-A
The total output ripple is a combination of the ESR and
output capacitance. The total ripple is calculated in
Equation 20:
2
C
L(PP)
2
SW
OUT
L(PP)
OUT(pp)
OUT
ESR
∆I
8
f
C
∆I
∆V
Eq. 20
where:
D = duty cycle
COUT = output capacitance value
fsw = switching frequency
As described in the “Theory of Operation” subsection in
Functional Description
, the MIC2101/02 requires at least
20mV peak-to-peak ripple at the FB pin to make the gm
amplifier and the error comparator behave properly. Also,
the output voltage ripple should be in phase with the
inductor current. Therefore, the output voltage ripple
caused by the output capacitors value should be much
smaller than the ripple caused by the output capacitor
ESR. If low-ESR capacitors, such as ceramic capacitors,
are selected as the output capacitors, a ripple injection
method should be applied to provide the enough
feedback voltage ripple. Please refer to the “Ripple
Injection” subsection for more details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic or OS-CON. The output capacitor
RMS current is calculated in Equation 21:
12
∆I
I
L(PP)
(RMS)
COUT
Eq. 21
The power dissipated in the output capacitor is:
OUT
OUT
OUT
C
2
(RMS)
C
)
DISS(C
ESR
I
P
Eq. 22
Input Capacitor Selection
The input capacitor for the power stage input VIN should
be selected for ripple current rating and voltage rating.
Tantalum input capacitors may fail when subjected to
high inrush currents, caused by turning the input supply
on. A tantalum input capacitor’s voltage rating should be
at least two times the maximum input voltage to
maximize reliability. Aluminum electrolytic, OS-CON, and
multilayer polymer film capacitors can handle the higher
inrush currents without voltage de-rating. The input
voltage ripple will primarily depend on the input
capacitor’s ESR. The peak input current is equal to the
peak inductor current, so:
∆VIN = IL(pk) × ESRCIN
Eq. 23
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
D)
(1
D
I
I
OUT(max)
CIN(RMS)
Eq. 24
The power dissipated in the input capacitor is:
PDISS(CIN) = ICIN(RMS)
2 × ESRCIN
Eq. 25
Voltage Setting Components
The MIC2101/02 requires two resistors to set the output
voltage as shown in Figure 7:
Figure 7. Voltage-Divider Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com