Electronic Components Datasheet Search
  English  ▼

X  

MIC2102YML Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MIC2102YML
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102YML Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MIC2102YML Datasheet HTML 19Page - Micrel Semiconductor MIC2102YML Datasheet HTML 20Page - Micrel Semiconductor MIC2102YML Datasheet HTML 21Page - Micrel Semiconductor MIC2102YML Datasheet HTML 22Page - Micrel Semiconductor MIC2102YML Datasheet HTML 23Page - Micrel Semiconductor MIC2102YML Datasheet HTML 24Page - Micrel Semiconductor MIC2102YML Datasheet HTML 25Page - Micrel Semiconductor MIC2102YML Datasheet HTML 26Page - Micrel Semiconductor MIC2102YML Datasheet HTML 27Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Micrel, Inc.
MIC2101/02
August 2012
23
M9999-080712-A
MOSFET Gate Drive
The MIC2101/02 high-side drive circuit is designed to
switch an N-Channel MOSFET. Figure 1 shows a
bootstrap circuit, consisting of D1 (a Schottky diode is
recommended) and CBST. This circuit supplies energy to
the high-side drive circuit. Capacitor CBST is charged
while the low-side MOSFET is on and the voltage on the
SW pin is approximately 0V. When the high-side
MOSFET driver is turned on, energy from CBST is used to
turn the MOSFET on. As the high-side MOSFET turns
on, the voltage on the SW pin increases to
approximately VIN. Diode D1 is reverse biased and CBST
floats high while continuing to keep the high-side
MOSFET on. The bias current of the high-side driver is
less than 10mA so a 0.1μF to 1μF is sufficient to hold
the gate voltage with minimal droop for the power stroke
(high-side switching) cycle, i.e. ∆BST = 10mA x
3.33μs/0.1μF = 333mV. When the low-side MOSFET is
turned back on, CBST is recharged through D1. A small
resistor RG, which is in series with CBST, can be used to
slow down the turn-on time of the high-side N-channel
MOSFET.
The drive voltage is derived from the VDD supply voltage.
The nominal low-side gate drive voltage is VDD and the
nominal high-side gate drive voltage is approximately
VDD – VDIODE, where VDIODE is the voltage drop across
D1. An approximate 30ns delay between the high-side
and low-side driver transitions is used to prevent current
from simultaneously flowing unimpeded through both
MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com