Electronic Components Datasheet Search
  English  ▼

X  

MIC2102YML Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MIC2102YML
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102YML Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC2102YML Datasheet HTML 18Page - Micrel Semiconductor MIC2102YML Datasheet HTML 19Page - Micrel Semiconductor MIC2102YML Datasheet HTML 20Page - Micrel Semiconductor MIC2102YML Datasheet HTML 21Page - Micrel Semiconductor MIC2102YML Datasheet HTML 22Page - Micrel Semiconductor MIC2102YML Datasheet HTML 23Page - Micrel Semiconductor MIC2102YML Datasheet HTML 24Page - Micrel Semiconductor MIC2102YML Datasheet HTML 25Page - Micrel Semiconductor MIC2102YML Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Micrel, Inc.
MIC2101/02
August 2012
22
M9999-080712-A
During discontinuous mode, the bias current of most
circuits are reduced. As a result, the total power supply
current during discontinuous mode is only about 400μA,
allowing the MIC2101 to achieve high efficiency in light
load applications.
Soft-Start
Soft-start reduces the power supply input surge current
at startup by controlling the output voltage rise time. The
input surge appears while the output capacitor is
charged up. A slower output rise time will draw a lower
input surge current.
The MIC2101/02 implements an internal digital soft-start
by making the 0.8V reference voltage VREF ramp from 0
to 100% in about 6ms with 9.7mV steps. Therefore, the
output voltage is controlled to increase slowly by a stair-
case VFB ramp. Once the soft-start cycle ends, the
related
circuitry
is
disabled
to
reduce
current
consumption. VDD must be powered up at the same time
or after VIN to make the soft-start function correctly.
Current Limit
The MIC2101/02 uses the RDS(ON) and external resistor
connected from ILIM pin to SW node to decides the
current limit.
Figure 4. MIC2101/02 Current Limiting Circuit
In each switching cycle of the MIC2101/02 converter, the
inductor current is sensed by monitoring the low-side
MOSFET in the OFF period. The sensed voltage V(ILIM) is
compared with the power ground (PGND)
after a
blanking time of 150nS. In this way the drop voltage over
the resistor RCL (VCL) is compared with the drop over the
bottom
FET
generating the
short current
limit.
The small capacitor (CCL) connected from ILIM pin to
PGND filters the switching node ringing during the off
time allowing a better short limit measurement. The time
constant created by RCL and CCL should be much less
than the minimum off time.
The VCL drop allows programming of short limit through
the value of the resistor (RCL), If the absolute value of the
voltage drop on the bottom FET is greater than VCL’ in
that case the V(ILIM) is lower than PGND and a short
circuit event is triggered. A hiccup cycle to treat the short
event is generated. The hiccup sequence including the
soft start reduces the stress on the switching FETs and
protects the load and supply for severe short conditions.
The short circuit current limit can be programmed by
using the formula illustrated in Equation 3:
CL
CL
DS(ON)
PP
CLIM
CL
I
V
R
0.5)
∆
(I
R
Eq. 3
Where ISH = Desired current limit
∆PP = Inductor current peak-to-peak
RDS (ON) = On-resistance of low-side power MOSFET
VCL = Current-limit threshold, the typical value is 14mV in
EC table
ICL = Current-limit source current, the typical value is
80µA in EC table.
In case of hard short, the short limit is folded down to
allow an indefinite hard short on the output without any
destructive effect. It is mandatory to make sure that the
inductor current used to charge the output capacitance
during soft start is under the folded short limit, otherwise
the supply will go in hiccup mode and may not be
finishing the soft start successfully.
The MOSFET RDS(ON) varies 30% to 40% with
temperature; therefore, it is recommended to add a 50%
margin to ICL in the above equation to avoid false current
limiting due to increased MOSFET junction temperature
rise. It is also recommended to connect SW pin directly
to the drain of the low-side MOSFET to accurately sense
the MOSFETs RDS(ON).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com