Electronic Components Datasheet Search
  English  ▼

X  

MIC2102YML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2102YML
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102YML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2102YML Datasheet HTML 7Page - Micrel Semiconductor MIC2102YML Datasheet HTML 8Page - Micrel Semiconductor MIC2102YML Datasheet HTML 9Page - Micrel Semiconductor MIC2102YML Datasheet HTML 10Page - Micrel Semiconductor MIC2102YML Datasheet HTML 11Page - Micrel Semiconductor MIC2102YML Datasheet HTML 12Page - Micrel Semiconductor MIC2102YML Datasheet HTML 13Page - Micrel Semiconductor MIC2102YML Datasheet HTML 14Page - Micrel Semiconductor MIC2102YML Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Micrel, Inc.
MIC2101/02
August 2012
11
M9999-080712-A
Typical Characteristics (Continued)
VIN Shutdown Current
vs. Input Voltage
0
6
12
18
24
30
4
9
14
19
24
29
34
39
INPUT VOLTAGE (V)
VEN = 0V
VDD Voltage
vs. Input Voltage
0
2
4
6
8
10
4
9
14
19
24
29
34
39
INPUT VOLTAGE (V)
VOUT = 3.3V
fSW = 600kHz
IDD = 10mA
IDD = 40mA
Enable Threshold
vs. Input Voltage
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
4
9
14
19
24
29
34
39
INPUT VOLTAGE (V)
HYST
RISING
FALLING
Switching Frequency
vs. Input Voltage
200
250
300
350
400
450
500
550
600
650
700
750
800
5
1015202530
35
INPUT VOLTAGE (V)
VOUT = 3.3V
IOUT = 2A
Output Peak Current Limit
vs. Input Voltage
0
5
10
15
20
25
5
10
152025
3035
INPUT VOLTAGE (V)
VOUT = 3.3V
fSW = 600kHz
Switching Frequency
vs. Input Voltage
200
250
300
350
400
450
500
550
600
650
700
750
800
5
10
15
2025
3035
INPUT VOLTAGE (V)
VOUT = 1.2V
IOUT = 2A
VIN Shutdown Current
vs. Temperature
0
3
6
9
12
15
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN =12V
VEN = 0V
IOUT = 0A
VDD Voltage
vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-50-25
0
25
50
75100
125
TEMPERATURE (°C)
VIN = 12V
IOUT = 0A
IDD = 10mA
IDD = 40mA
VDD UVLO Threshold
vs. Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
255075
100
125
TEMPERATURE (°C)
VIN =12V
IOUT = 0A
FALLING
RISING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com