Electronic Components Datasheet Search
  English  ▼

X  

MIC5166 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5166
Description  3A High-Speed Low VIN DDR Terminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5166 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5166 Datasheet HTML 1Page - Micrel Semiconductor MIC5166 Datasheet HTML 2Page - Micrel Semiconductor MIC5166 Datasheet HTML 3Page - Micrel Semiconductor MIC5166 Datasheet HTML 4Page - Micrel Semiconductor MIC5166 Datasheet HTML 5Page - Micrel Semiconductor MIC5166 Datasheet HTML 6Page - Micrel Semiconductor MIC5166 Datasheet HTML 7Page - Micrel Semiconductor MIC5166 Datasheet HTML 8Page - Micrel Semiconductor MIC5166 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Micrel, Inc.
MIC5166
June 2012
5
M9999-060612-A
Typical Characteristics
VIN Operating Supply Current
vs. Input Voltage
0.00
0.05
0.10
0.15
0.20
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
INPUT VOLTAGE (V)
VDDQ = 1.2V
VBIAS = 5V
VTT = 0.6V
IOUT = 0A
VEN = VBIAS
VIN Shutdown Current
vs. Input Voltage
0.00
0.04
0.08
0.12
0.16
0.20
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
INPUT VOLTAGE (V)
VDDQ = 1.2V
VBIAS = 5V
VEN = 0V
VREF/VDDQ Tracking Ratio
vs. VDDQ Voltage
0.44
0.46
0.48
0.50
0.52
0.54
0.81.2
1.62.0
2.42.8
3.23.6
VDDQ VOLTAGE (V)
VDDQ = 1.2V
VBIAS = 5V
VTT = 0.6V
IOUT = 0A
VEN = VBIAS
VBIAS Operating Supply Current
vs. BIAS Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.5
3.0
3.5
4.0
4.5
5.0
BIAS VOLTAGE (V)
VIN = 1.5V
VDDQ = 0.6V
VTT = 0.3V
IOUT = 0A
VEN = VBIAS
VBIAS Shutdown Current
vs. BIAS Voltage
0.000
0.060
0.120
0.180
0.240
2.5
3.0
3.5
4.0
4.5
5.0
BIAS VOLTAGE (V)
VIN = 1.5V
VDDQ = 0.6V
VEN = 0V
VREF/VDDQ Tracking Ratio
vs. BIAS Voltage
0.44
0.46
0.48
0.50
0.52
0.54
2.5
3.0
3.5
4.0
4.5
5.0
BIAS VOLTAGE (V)
VIN = 1.5V
VDDQ = 0.6V
IOUT = 0A
VEN = VBIAS
Enable Threshold
vs. Input Voltage
0.500
0.600
0.700
0.800
0.900
1.000
0.9
1.8
2.7
3.6
INPUT VOLTAGE (V)
RISING
FALLING
VDDQ = 1.2V
VBIAS = 5V
VTT = 0.6V
IOUT = 0A
Enable Pin Current
vs. Input Voltage
0.0
2.0
4.0
6.0
8.0
10.0
0.9
1.8
2.7
3.6
INPUT VOLTAGE (V)
VDDQ = 1.2V
VBIAS = 5.5V
VTT = 0.6V
VEN = VIN
Power Good Window/VTT Ratio
vs. Input Voltage
75%
80%
85%
90%
95%
100%
105%
110%
115%
0.91.8
2.73.6
INPUT VOLTAGE (V)
VDDQ = 1.2V
VBIAS = 5V
IOUT = 0A
VEN = VBIAS
VTT FALLING
VTT FALLING
VTT RISING
VTT RISING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com