Electronic Components Datasheet Search
  English  ▼

X  

MIC5166 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5166
Description  3A High-Speed Low VIN DDR Terminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5166 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5166 Datasheet HTML 3Page - Micrel Semiconductor MIC5166 Datasheet HTML 4Page - Micrel Semiconductor MIC5166 Datasheet HTML 5Page - Micrel Semiconductor MIC5166 Datasheet HTML 6Page - Micrel Semiconductor MIC5166 Datasheet HTML 7Page - Micrel Semiconductor MIC5166 Datasheet HTML 8Page - Micrel Semiconductor MIC5166 Datasheet HTML 9Page - Micrel Semiconductor MIC5166 Datasheet HTML 10Page - Micrel Semiconductor MIC5166 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Micrel, Inc.
MIC5166
June 2012
7
M9999-060612-A
Typical Characteristics (Continued)
VIN Shutdown Current
vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 1.5V
VBIAS =5V
VDDQ = 1.2V
VEN = 0V
VIN UVLO Threshold
vs. Temperature
0.6
0.7
0.8
0.9
1.0
-50
-25
0
255075
100
125
TEMPERATURE (°C)
RISING
FALLING
VBIAS = 5.0V
VDDQ = 1.2V
VTT = 0.6V
IOUT = 0A
VBIAS = 5.0V
VDDQ = 1.2V
VTT = 0.6V
IOUT = 0A
VEN = VBIAS
Enable Threshold
vs. Temperature
0.5000
0.6000
0.7000
0.8000
0.9000
1.0000
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
FALLING
RISING
VIN = 1.5V
VBIAS = 5V
VDDQ = 1.2V
VTT = 0.6V
Sourcing Load Regulation
vs. Temperature
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
1.0%
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 1.5V
VBIAS = 5V
VDDQ = 1.2V
VTT = 0.6V
IOUT = 0A to 3A
VEN = VBIAS
Sinking Load Regulation
vs. Temperature
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
1.0%
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 1.5V
VBIAS = 5.5V
VDDQ = 1.2V
VTT = 0.6V
IOUT = 0A to -3A
VEN = VBIAS
VREF/VDDQ Tracking Ratio
vs. Temperature
0.597
0.598
0.599
0.600
0.601
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 1.5V
VBIAS = 5V
VDDQ = 1.2V
VTT = 0.6V
IOUT = 0A
VEN = VBIAS
Output Voltage
vs. Temperature
0.5970
0.5980
0.5990
0.6000
0.6010
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 1.5V
VBIAS = 5V
VDDQ = 1.2V
VTT = 0.6V
IOUT = 0A
VEN = VBIAS
Current Limit
vs. Temperature
4.5
4.8
5.0
5.3
5.5
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 1.5V
VBIAS = 5V
VDDQ = 1.2V
VTT = 0.6V
VEN = VBIAS
SOURCING
SINKING
Enable Pin Current
vs. Temperature
0
1
2
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 1.5V
VBIAS = 5V
VDDQ = 1.2V
VEN = VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com