Electronic Components Datasheet Search
  English  ▼

X  

MIC5166 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC5166
Description  3A High-Speed Low VIN DDR Terminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5166 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC5166 Datasheet HTML 10Page - Micrel Semiconductor MIC5166 Datasheet HTML 11Page - Micrel Semiconductor MIC5166 Datasheet HTML 12Page - Micrel Semiconductor MIC5166 Datasheet HTML 13Page - Micrel Semiconductor MIC5166 Datasheet HTML 14Page - Micrel Semiconductor MIC5166 Datasheet HTML 15Page - Micrel Semiconductor MIC5166 Datasheet HTML 16Page - Micrel Semiconductor MIC5166 Datasheet HTML 17Page - Micrel Semiconductor MIC5166 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Micrel, Inc.
MIC5166
June 2012
14
M9999-060612-A
First, calculate the power dissipation of the regulator
from these numbers and the device parameters from this
datasheet.
PD = (VIN – VTT) × IOUT + (VBIAS × IGND)
Eq. 1
where the ground current is approximated by using
numbers from the “Electrical Characteristics” or “Typical
Characteristics.”
For example, given an expected maximum ambient
temperature (TA) of 70°C with VIN = 1.2V, VBIAS = 3.3V,
VTT = 0.9V, and IOUT = 3A, first calculate the expected PD
using Equation 1:
PD = (1.2V – 0.9V) × 3A + 3.3V × 0.0016A
= 0.90528W
Eq. 2
Next, determine the junction temperature for the
expected power dissipation above using the thermal
resistance (θJA) of the 10-pin 3mm × 3mm MLF
® (YML)
adhering to the following criteria for the PCB design
(1oz.
copper
and
100mm
2
copper
area
for
the MIC5166):
TJ = (θJA × PD) + TA = (60.7°C/W × 0.90528W) + 70°C
= 124.95
°C
Eq. 3
To determine the maximum power dissipation allowed
that would not exceed the IC’s maximum junction
temperature (125
°C) when operating at a maximum
ambient temperature of 70
°C:
PD(MAX) = (TJ(MAX) – TA)/θJA = (125°C – 70°C)/(60.7°C/W)
= 0.9061W
Eq. 4
Thermal Measurements
It is always wise to measure the IC’s case temperature
to make sure that it is within its operating limits. Although
this might seem like a very elementary task, it is very
easy to get erroneous results. The most common
mistake is to use the standard thermocouple that comes
with the thermal voltage meter. This thermocouple wire
gauge is large, typically 22 gauge, and behaves like a
heatsink, resulting in a lower case measurement.
There are two suggested methods for measuring the IC
case temperature: a thermocouple or an infrared
thermometer. If a thermocouple is used, it must be
constructed of 36 gauge wire or higher to minimize the
wire heatsinking effect. In addition, the thermocouple tip
must be covered in either thermal grease or thermal glue
to make sure that the thermocouple junction is making
good contact to the case of the IC. This thermocouple
from Omega (5SC-TT-K-36-36) is adequate for most
applications.
To avoid this messy thermocouple grease or glue, an
infrared thermometer is recommended. Most infrared
thermometers’ spot size is too large for an accurate
reading on small form factor ICs. However, an IR
thermometer from Optris has a 1mm spot size, which
makes it ideal for the 3mm x 3mm MLF
® package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com