Electronic Components Datasheet Search
  English  ▼

X  

MIC5166 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5166
Description  3A High-Speed Low VIN DDR Terminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5166 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5166 Datasheet HTML 1Page - Micrel Semiconductor MIC5166 Datasheet HTML 2Page - Micrel Semiconductor MIC5166 Datasheet HTML 3Page - Micrel Semiconductor MIC5166 Datasheet HTML 4Page - Micrel Semiconductor MIC5166 Datasheet HTML 5Page - Micrel Semiconductor MIC5166 Datasheet HTML 6Page - Micrel Semiconductor MIC5166 Datasheet HTML 7Page - Micrel Semiconductor MIC5166 Datasheet HTML 8Page - Micrel Semiconductor MIC5166 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MIC5166
3A High-Speed Low VIN DDR Terminator
Ramp Control is a trademark of Micrel, Inc
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2012
M9999-060612-A
General Description
The MIC5166 is a 3A, high-speed, linear, low VIN, double
data rate (DDR), memory terminator power supply. The
part is small and requires small output capacitors making it
a tiny overall solution. This allows it to be conveniently
placed close to the DDR memory, minimizing circuit board
layout inductance which may cause excessive voltage
ripple at the DDR memory.
The MIC5166 contains a precision voltage divider network
in order to take in the VDDQ voltage as a reference voltage
and conveniently output the terminator voltage (VTT) at one
half of the VDDQ input voltage.
The MIC5166 is capable of sinking and sourcing up to 3A.
It is stable with only two 10µF ceramic output capacitors.
The part is available in a small 3mm × 3mm MLF
®
thermally-enhanced package.
The MIC5166 has a high-side NMOS output stage offering
very-low output impedance, and very-high bandwidth. The
NMOS output stage offers a unique ability to respond very
quickly to sudden load changes such as is required for
DDR memory termination power supply applications.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Operating voltage range:
• VDDQ Supply: 0.9V to 3.6V
• Bias Supply: 2.5V to 5.5V
• High bandwidth – very fast transient response
• Stable with two 10µF ceramic output capacitors
• Two 10µF output capacitors used in most applications
• High output voltage accuracy:
• 0.015% line regulation
• 1.5% load regulation
• Logic level enable input
• Power Good (PG)
• Thermally-enhanced 3mm × 3mm MLF®
• Junction temperature range –40°C to +125°C
Applications
• Desktop computers
• Notebook computers
• Datacom systems
• Servers
• Video cards
_________________________________________________________________________________________________________________________
Typical Application


Similar Part No. - MIC5166

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5166 MICROCHIP-MIC5166 Datasheet
1Mb / 36P
3A High-Speed, Low-VIN DDR Terminator
08/15/18
MIC5166 MICROCHIP-MIC5166 Datasheet
1Mb / 36P
3A High-Speed, Low-VIN DDR Terminator
MIC5166YML-TR MICROCHIP-MIC5166YML-TR Datasheet
1Mb / 36P
3A High-Speed, Low-VIN DDR Terminator
08/15/18
MIC5166YML-TR MICROCHIP-MIC5166YML-TR Datasheet
1Mb / 36P
3A High-Speed, Low-VIN DDR Terminator
More results

Similar Description - MIC5166

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
3A BUS TERMINATOR
BB1110TB ETC-BB1110TB Datasheet
91Kb / 4P
DDR SDRAM TERMINATOR NETWORKS.
logo
Anachip Corp
AP1128 ANACHIP-AP1128 Datasheet
233Kb / 7P
3A Bus Terminator Regulator
Rev.1.0 Jul 20, 2005
logo
List of Unclassifed Man...
CM8500A ETC1-CM8500A Datasheet
409Kb / 13P
3A BUS TERMINATOR
logo
Micrel Semiconductor
MIC47100 MICREL-MIC47100 Datasheet
754Kb / 13P
1A High Speed Low VIN LDO
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
3A BUS TERMINATOR
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
logo
CTS Corporation
008-0520-0 CTS-008-0520-0 Datasheet
161Kb / 4P
DDR SDRAM Terminator
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com