Electronic Components Datasheet Search
  English  ▼

X  

MIC5166 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5166
Description  3A High-Speed Low VIN DDR Terminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5166 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5166 Datasheet HTML 4Page - Micrel Semiconductor MIC5166 Datasheet HTML 5Page - Micrel Semiconductor MIC5166 Datasheet HTML 6Page - Micrel Semiconductor MIC5166 Datasheet HTML 7Page - Micrel Semiconductor MIC5166 Datasheet HTML 8Page - Micrel Semiconductor MIC5166 Datasheet HTML 9Page - Micrel Semiconductor MIC5166 Datasheet HTML 10Page - Micrel Semiconductor MIC5166 Datasheet HTML 11Page - Micrel Semiconductor MIC5166 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Micrel, Inc.
MIC5166
June 2012
8
M9999-060612-A
Typical Characteristics (Continued)
Top MOSFET On-Resistance
vs. Temperature
100
115
130
145
160
175
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 1.5V
VBIAS = 5V
VDDQ = 1.2V
VTT = 0.6V
ISOURCE = +3A
VEN = VBIAS
Bottom MOSFET On-Resistance
vs. Temperature
110
120
130
140
150
160
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 1.5V
VBIAS = 5V
VDDQ = 1.2V
VTT = 0.6V
ISINK = -3A
VEN = VBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com