Electronic Components Datasheet Search
  English  ▼

X  

PPC5604EEMLH Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PPC5604EEMLH Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Overview
Freescale Semiconductor
4
1.2
Block diagram
Figure 1 shows a top-level block diagram of the MPC5604E MCU.
CAN (FlexCAN)
1
IIC
2
Supply
3.3 V IO
1.2V Core with dedicated ballast source pin in two modes:
• internal ballast or
• external supply (using power on reset pin)
Phase Lock Loop (PLL)
1
FMPLL
Internal RC Oscillator
16 MHz
External crystal
Oscillator
4 MHz - 40 MHz
CRC
yes
Debug
JTAG, Nexus2+
JTAG
Ambient Temperature
–40 to 125 °C
1 The 100-pin package is not a production package. It is used for software development only.
2 This feature is supported by design, but subject to confirmation after device characterization.
Table 1. Device summary (continued)
Feature
MPC5604E
100-pin LQFP1
64-pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com