Electronic Components Datasheet Search
  English  ▼

X  

PPC5604EEMLH Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Package pinouts and signal descriptions
Freescale Semiconductor
8
2.2
Signal descriptions
The following sections provide signal descriptions and related information about the functionality and configuration of the
MPC5604E devices.
2.2.1
Power supply and reference voltage pins
Table 2 lists the power supply and reference voltage for the MPC5604E devices.
Table 2. Supply pins
Supply
Pin
Port Pin
Multi-bonded Power
Supplies/Ground
Description
64-pin
100-pin1
VREG control and power supply pins. Pins available on 64-pin and 100-pin package.
VDD_HV_S_BALLAST
VDD_HV_S_BALLAST0
Ballast Source/Supply Voltage
23
34
VDD_HV_S_BALLAST1
Ballast Source/Supply Voltage
23
34
ADC0 reference and supply voltage. Pins available on 64-pin and 100-pin package.
VDD_HV_ADC
VDD_HV_ADC0
ADC0 supply voltage with respect to ground
(VSS_HV_ADC)
21
30
VDD_HV_ADR0
ADC0 high reference voltage with respect
to ground (VSS_HV_ADC)
21
30
VSS_HV_ADC
VSS_HV_ADC0
ADC0 ground voltage with respect to
ground
22
31
VSS_HV_ADR0
ADC0 low reference voltage with respect to
ground
22
31
Power supply pins (3.3 V). Pins available on 64-pin and 100-pin package.
VDD_HV
VDD_HV_IO0_0
Input/output ground voltage
11
18
VDD_HV_OSC0
Crystal oscillator amplifier supply voltage
11
18
VSS_HV
VSS_HV_IO0_0
Input/output ground voltage
12
19
VSS_HV_OSC0
Crystal oscillator amplifier ground
12
19
VDD_HV
VDD_HV_IO0_2
3.3 V Input/Output Supply Voltage (supply).
38
61
VDD_HV_FLA1
Code and data flash supply voltage
38
61
VSS_HV
VSS_HV_IO0_2
Input/output ground voltage
37
60
Vss_HV_FLA1
Code and data flash supply ground
37
60
VDD_HV
VDD_HV_IO0_3
3.3 V Input/Output Supply Voltage (supply).
55
87
VDD_HV_FLA0
Code and data flash supply voltage
55
88
VDD_HV
VDD_HV_IO0_4
3.3 V Input/Output Supply Voltage (supply).
—
36
VSS_HV
VSS_HV_IO0_4
3.3 V Input/Output Supply Voltage (supply).
—
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com