Electronic Components Datasheet Search
  English  ▼

X  

PPC5604EEMLH Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
Package pinouts and signal descriptions
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
9
2.2.2
System pins
Table 3 and Table 4 contain information on pin functions for the MPC5604E devices. The pins listed in Table 3 are
single-function pins. The pins shown in Table 4 are multi-function pins, programmable via their respective Pad Configuration
Register (PCR) values.
Power supply pins (1.2 V). Pins available on 64-pin and 100-pin package.
VDD_LV
VDD_LV_COR0_3
1.2 V supply pins for core logic and code
Flash. Decoupling capacitor must be
connected between these pins and the
nearest VSS_LV_COR0_3 pin.
712
VDD_LV_PLL0
1.2 V PLL supply voltage
7
12
VDD_LV
VDD_LV_COR0_2
1.2 V supply pins for core logic and code
Flash. Decoupling capacitor must be
connected between these pins and the
nearest VSS_LV_COR0_2 pin.
58
92
VDD_LV_FLA0
Code and data flash supply voltage
58
92
VDD_LV_COR0_1
1.2 V supply pins for core logic and code
Flash. Decoupling capacitor must be
connected between these pins and the
nearest VSS_LV_COR0_1 pin.
35
58
VDD_LV_FLA1
Code and data flash supply voltage
35
58
VSS_LV
VSS_LV_COR0_3
1.2 V supply pins for core logic and code
Flash. Decoupling capacitor must be
connected betwee.n these pins and the
nearest VDD_LV_COR0_3 pin.
611
VSS_LV_PLL0
PLL supply ground
6
11
VSS_LV_COR0_2
1.2 V supply pins for core logic and code
Flash. Decoupling capacitor must be
connected betwee.n these pins and the
nearest VDD_LV_COR0_2 pin.
59
93
VSS_LV_FLA0
Code and data flash supply ground
59
93
VSS_LV_COR0_1
1.2 V supply pins for core logic and data
Flash. Decoupling capacitor must be
connected between these pins and the
nearest VDD_LV_COR0_2 pin.
36
59
VSS_LV_FLA1
Code and data flash supply ground
36
59
1 The 100-pin package is not a production package. It is used for software development only.
Table 2. Supply pins (continued)
Supply
Pin
Port Pin
Multi-bonded Power
Supplies/Ground
Description
64-pin
100-pin1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com