| Electronic Components Datasheet Search |
|
PPC5604EEMLH Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PPC5604EEMLH Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 75 page ![]() MPC5604E Microcontroller Data Sheet, Rev. 4 Package pinouts and signal descriptions Freescale Semiconductor 10 2.2.3 Pin muxing Table 4 defines the pin list and muxing for the MPC5604E devices. Each row of Table 4 shows all the possible ways of configuring each pin, via “alternate functions”. The default function assigned to each pin after reset is the ALT0 function.Pins marked as external interrupt capable can also be used to resume from STOP and HALT mode. MPC5604E devices provide four main I/O pad types depending of the associated functions: • Slow pads are the most common, providing a compromise between transition time and low electromagnetic emission. • Medium pads provide fast enough transition for serial communication channels with controlled current to reduce electromagnetic emission. • Fast pads provide maximum speed. They are used for improved Nexus debugging capability. Medium and Fast pads can be used in slow configuration to reduce the electromagnetic emissions, at the cost of reducing AC performance. Table 3. System pins Symbol Description Direction Pad speed1 1 SRC values refer to the value assigned to the Slew Rate Control bits of the pad configuration register. Pin SRC = 0 SRC = 1 64-pin 100-pin2 2 The 100-pin package is not a production package. It is used for software development only. Dedicated pins NMI Non-maskable Interrupt Input only Slow — 1 1 XTAL Oscillator amplifier output Output only — — 13 20 EXTAL Input for oscillator amplifier circuit and internal clock generator Input only — — 14 21 TDI3 3 Additional board pull resistors are recommended when JTAG pins are not being used on the board or application. JTAG test data input Input only Slow Medium 40 63 TMS3 JTAG state machine control Input only Slow Medium 41 64 TCK3 JTAG clock Input only Slow — 42 65 TDO3 JTAG test data output Output only Slow Medium 43 66 Reset pin RESET Bidirectional reset with Schmitt trigger characteristics and noise filter Bidirectional Medium — 15 22 POR_B Power-on reset Input only — — 31 45 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |