Electronic Components Datasheet Search
  English  ▼

X  

PPC5604EEMLH Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PPC5604EEMLH Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
Overview
MPC5604E Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
5
Figure 1. MPC5604E block diagram
e200z0 Core
32-bit
General
Purpose
Registers
Special
Purpose
Registers
Integer
Execution
Unit
Exception
Handler
Variable
Length
Encoded
Instructions
Instruction
Unit
Load/Store
Unit
Branch
Prediction
Unit
1.2 V Regulator
Control
XOSC
16 MHz
RC Oscillator
JTAG Port
Nexus2+
Interrupt
Controller
FEC
eDMA
16 channels
Master
Master
Instruction Bus
Master
Data Bus
Master
512 KB
Slave
Slave
Crossbar Switch (XBAR, AMBA 2.0 v6 AHB)
Peripheral Bridge
ADC
ADC
Analog-to-Digital Converter
BAM
Boot Assist Module
CRC
Cylic Redundancy Check
DSPI
Deserial Serial Peripheral Interface
eDMA
Enhanced Direct Memory Access
eTimer
Enhanced Timer
FCD
Fractional Clock Divider
FCU
Fault Collection Unit
FEC
Fast Ethernet Controller
FlexCAN Flexible Controller Area Network
FMPLL
Frequency-Modulated Phase-Locked Loop
I2C
Inter-Integrated Circuit serial interface
SAI
Serial Audio Interface 6xStereo
LINFlex
Serial Communication Interface (LIN support)
CGM
Clock Generation Module
PCU
Power Control Unit
RGM
Reset Generation Module
TSENS
Temperature sensor
MJPEG
12-bit Motion JPEG Encoder
PDI
Parallel Data Interface (image sensor)
PIT
Periodic Interrupt Timer
PTP
IEEE 1588 Precision Time Stamps
SIU
System Integration Unit
SRAM
Static Random-Access Memory
SSCM
System Status and Configuration Module
STM
System Timer Module
SWT
Software Watchdog Timer
10-bit
Slave
JTAG
Nexus2+
(32-bit)
(32-bit)
PTP
MII
4+4 channels
Code
Flash
(ECC)
64 KB
Data
Flash
(ECC)
96 KB
SRAM
(ECC)
Slave
FMPLL
(System)
Internal and
External Ballast
video_clk
ME
Mode Entry Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com