Electronic Components Datasheet Search
  English  ▼

X  

PMDPB70XP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMDPB70XP
Description  30 V, dual P-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMDPB70XP Datasheet(HTML) 3 Page - NXP Semiconductors

  PMDPB70XP Datasheet HTML 1Page - NXP Semiconductors PMDPB70XP Datasheet HTML 2Page - NXP Semiconductors PMDPB70XP Datasheet HTML 3Page - NXP Semiconductors PMDPB70XP Datasheet HTML 4Page - NXP Semiconductors PMDPB70XP Datasheet HTML 5Page - NXP Semiconductors PMDPB70XP Datasheet HTML 6Page - NXP Semiconductors PMDPB70XP Datasheet HTML 7Page - NXP Semiconductors PMDPB70XP Datasheet HTML 8Page - NXP Semiconductors PMDPB70XP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PMDPB70XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2012
3 of 15
NXP Semiconductors
PMDPB70XP
30 V, dual P-channel Trench MOSFET
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for drain 6 cm2.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VDS
drain-source voltage
Tj =25°C
-
-30
V
VGS
gate-source voltage
-12
12
V
ID
drain current
VGS =-4.5 V; Tamb =25°C; t ≤ 5 s
[1]
--3.8
A
VGS =-4.5 V; Tamb =25°C
[1]
--2.9
A
VGS =-4.5 V; Tamb =100 °C
[1]
--1.9
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
-11.6
A
Ptot
total power dissipation
Tamb =25 °C
[2]
-
490
mW
[1]
-1170
mW
Tsp = 25 °C
-
8300
mW
Source-drain diode
IS
source current
Tamb =25 °C
[1]
--1.2
A
Per device
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Fig 1.
Normalized total power dissipation as a
function of junction temperature
Fig 2.
Normalized continuous drain current as a
function of junction temperature
Tj (°C)
−75
175
125
25
75
−25
017aaa123
40
80
120
Pder
(%)
0
Tj (°C)
−75
175
125
25
75
−25
017aaa124
40
80
120
Ider
(%)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com