Electronic Components Datasheet Search
  English  ▼

X  

PMDPB70XP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMDPB70XP
Description  30 V, dual P-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMDPB70XP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMDPB70XP Datasheet HTML 5Page - NXP Semiconductors PMDPB70XP Datasheet HTML 6Page - NXP Semiconductors PMDPB70XP Datasheet HTML 7Page - NXP Semiconductors PMDPB70XP Datasheet HTML 8Page - NXP Semiconductors PMDPB70XP Datasheet HTML 9Page - NXP Semiconductors PMDPB70XP Datasheet HTML 10Page - NXP Semiconductors PMDPB70XP Datasheet HTML 11Page - NXP Semiconductors PMDPB70XP Datasheet HTML 12Page - NXP Semiconductors PMDPB70XP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PMDPB70XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2012
9 of 15
NXP Semiconductors
PMDPB70XP
30 V, dual P-channel Trench MOSFET
ID = −3.3 A; VDS = −10 V; Tamb = 25 °C
Fig 14. Gate-source voltage as a function of gate
charge; typical values
Fig 15. Gate charge waveform definitions
VGS = 0 V
(1) Tamb = 150 °C
(2) Tamb = 25 °C
Fig 16. Source current as a function of source-drain voltage; typical values
017aaa408
QG (nC)
06
4
2
-2
-4
-6
VGS
(V)
0
017aaa137
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
017aaa409
VSD (V)
0
-1.2
-0.8
-0.4
-1.6
-0.8
-2.4
-3.2
IS
(A)
0
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com