Electronic Components Datasheet Search
  English  ▼

X  

PMDPB70XP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMDPB70XP
Description  30 V, dual P-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMDPB70XP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMDPB70XP Datasheet HTML 3Page - NXP Semiconductors PMDPB70XP Datasheet HTML 4Page - NXP Semiconductors PMDPB70XP Datasheet HTML 5Page - NXP Semiconductors PMDPB70XP Datasheet HTML 6Page - NXP Semiconductors PMDPB70XP Datasheet HTML 7Page - NXP Semiconductors PMDPB70XP Datasheet HTML 8Page - NXP Semiconductors PMDPB70XP Datasheet HTML 9Page - NXP Semiconductors PMDPB70XP Datasheet HTML 10Page - NXP Semiconductors PMDPB70XP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PMDPB70XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2012
7 of 15
NXP Semiconductors
PMDPB70XP
30 V, dual P-channel Trench MOSFET
Tj = 25 °C
Tj = 25 °C; VDS = −5 V
(1) minimum values
(2) typical values
(3) maximum values
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 7.
Sub-threshold drain current as a function of
gate-source voltage
Tj = 25 °C
ID = -1 A
(1) Tj = 150 °C
(2) Tj = 25 °C
Fig 8.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
VDS (V)
0
-2.0
-1.5
-0.5
-1.0
017aaa400
-2
-3
-1
-4
-5
ID
(A)
0
-4.5 V
-2.5 V
VGS = -1.2 V
-1.5 V
-1.7 V
-1.8 V
017aaa401
-10-4
-10-3
ID
(A)
-10-5
VGS (V)
0
-0.25
-0.10
-0.50
-0.75
-0.25
(1)
(2)
(3)
ID (A)
0-5
-4
-2
-3
-1
017aaa402
0.1
0.2
0.3
RDSon
(Ω)
0
VGS = -1.6 V
-1.8 V
-2 V
-2.5 V
-4.5 V
017aaa403
VGS (V)
0-6
-4
-2
0.4
0.6
0.2
0.8
1.0
RDSon
(Ω)
0
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com