Electronic Components Datasheet Search
  English  ▼

X  

PMDPB70XP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMDPB70XP
Description  30 V, dual P-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMDPB70XP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMDPB70XP Datasheet HTML 2Page - NXP Semiconductors PMDPB70XP Datasheet HTML 3Page - NXP Semiconductors PMDPB70XP Datasheet HTML 4Page - NXP Semiconductors PMDPB70XP Datasheet HTML 5Page - NXP Semiconductors PMDPB70XP Datasheet HTML 6Page - NXP Semiconductors PMDPB70XP Datasheet HTML 7Page - NXP Semiconductors PMDPB70XP Datasheet HTML 8Page - NXP Semiconductors PMDPB70XP Datasheet HTML 9Page - NXP Semiconductors PMDPB70XP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PMDPB70XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2012
6 of 15
NXP Semiconductors
PMDPB70XP
30 V, dual P-channel Trench MOSFET
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics (per transistor)
V(BR)DSS
drain-source
breakdown voltage
ID =-250µA; VGS =0V; Tj = 25 °C
-30
--V
VGSth
gate-source threshold
voltage
ID =-250µA; VDS =VGS; Tj = 25 °C
-0.45
-0.7
-1
V
IDSS
drain leakage current
VDS =-30 V; VGS =0V; Tj = 25 °C
---1
µA
VDS =-30 V; VGS =0V; Tj = 150 °C
-
-
-10
µA
IGSS
gate leakage current
VGS =12V; VDS =0V; Tj = 25 °C
-
-
100
nA
VGS =-12 V; VDS =0V; Tj = 25 °C
-
-
100
nA
RDSon
drain-source on-state
resistance
VGS =-4.5V; ID =-2.9A; Tj = 25 °C
-
70
87
m
Ω
VGS =-4.5V; ID =-2.9A; Tj = 150 °C
-
110
137
m
Ω
VGS =-2.5V; ID =-1.6A; Tj =25°C
-
89
110
m
Ω
gfs
forward
transconductance
VDS =-10 V; ID =-2.9 A; Tj =25°C
-
10
-
S
Dynamic characteristics (per transistor)
QG(tot)
total gate charge
VDS =-15 V; ID =-2.9 A; VGS =-5V;
Tj =25°C
-5.2
7.8
nC
QGS
gate-source charge
-
1.1
-
nC
QGD
gate-drain charge
-
0.95
-
nC
Ciss
input capacitance
VDS = -15 V; f = 1 MHz; VGS =0V;
Tj =25°C
-
680
-
pF
Coss
output capacitance
-
54
-
pF
Crss
reverse transfer
capacitance
-40
-pF
td(on)
turn-on delay time
VDS =-15 V; ID =-2.9 A; VGS =-5V;
RG(ext) =6 Ω; Tj =25 °C
-3
-ns
tr
rise time
-
15
-
ns
td(off)
turn-off delay time
-
112
-
ns
tf
fall time
-
48
-
ns
Source-drain diode (per transistor)
VSD
source-drain voltage
IS =-1.2A; VGS =0V; Tj = 25 °C
-
-0.8
-1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com