Electronic Components Datasheet Search
  English  ▼

X  

PMPB11EN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMPB11EN
Description  30 V N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB11EN Datasheet(HTML) 4 Page - NXP Semiconductors

  PMPB11EN Datasheet HTML 1Page - NXP Semiconductors PMPB11EN Datasheet HTML 2Page - NXP Semiconductors PMPB11EN Datasheet HTML 3Page - NXP Semiconductors PMPB11EN Datasheet HTML 4Page - NXP Semiconductors PMPB11EN Datasheet HTML 5Page - NXP Semiconductors PMPB11EN Datasheet HTML 6Page - NXP Semiconductors PMPB11EN Datasheet HTML 7Page - NXP Semiconductors PMPB11EN Datasheet HTML 8Page - NXP Semiconductors PMPB11EN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PMPB11EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 May 2012
4 of 15
NXP Semiconductors
PMPB11EN
30 V N-channel Trench MOSFET
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 6 cm2.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 6 cm2, t
≤ 5 s
IDM = single pulse
Fig 3.
Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-source
voltage
017aaa553
1
10-1
10
102
ID
(A)
10-2
VDS (V)
10-1
102
10
1
Limit RDSon = VDS/ID
tp = 10 μs
tp = 100 μs
tp = 1 ms
tp = 10 ms
DC; Tsp = 25 °C
tp = 100 ms
DC; Tamb = 25 °C;
drain mounting pad 6 cm2
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1]
-
235
270
K/W
[2]
-
6774K/W
[3]
-
3336K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
-5
10
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com