Electronic Components Datasheet Search
  English  ▼

X  

PMPB11EN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMPB11EN
Description  30 V N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB11EN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMPB11EN Datasheet HTML 4Page - NXP Semiconductors PMPB11EN Datasheet HTML 5Page - NXP Semiconductors PMPB11EN Datasheet HTML 6Page - NXP Semiconductors PMPB11EN Datasheet HTML 7Page - NXP Semiconductors PMPB11EN Datasheet HTML 8Page - NXP Semiconductors PMPB11EN Datasheet HTML 9Page - NXP Semiconductors PMPB11EN Datasheet HTML 10Page - NXP Semiconductors PMPB11EN Datasheet HTML 11Page - NXP Semiconductors PMPB11EN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PMPB11EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 May 2012
8 of 15
NXP Semiconductors
PMPB11EN
30 V N-channel Trench MOSFET
VDS > ID × RDSon
Fig 10. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 11. Normalized drain-source on-state resistance as
a function of junction temperature; typical
values
ID = 0.25 mA; VDS = VGS
f = 1 MHz; VGS = 0 V
Fig 12. Gate-source threshold voltage as a function of
junction temperature
Fig 13. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
017aaa558
VGS (V)
03
2
1
10
15
5
20
25
ID
(A)
0
Tj = 25 °C
Tj = 150 °C
Tj (°C)
-60
180
120
060
017aaa559
1.0
1.4
1.8
a
0.6
Tj (°C)
-60
180
120
060
017aaa560
1.0
1.5
0.5
2.0
2.5
VGS(th)
(V)
0.0
min
typ
max
VDS (V)
10-1
102
10
1
017aaa561
103
102
104
C
(pF)
10
Ciss
Coss
Crss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com