Electronic Components Datasheet Search
  English  ▼

X  

PMPB11EN Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMPB11EN
Description  30 V N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB11EN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMPB11EN Datasheet HTML 3Page - NXP Semiconductors PMPB11EN Datasheet HTML 4Page - NXP Semiconductors PMPB11EN Datasheet HTML 5Page - NXP Semiconductors PMPB11EN Datasheet HTML 6Page - NXP Semiconductors PMPB11EN Datasheet HTML 7Page - NXP Semiconductors PMPB11EN Datasheet HTML 8Page - NXP Semiconductors PMPB11EN Datasheet HTML 9Page - NXP Semiconductors PMPB11EN Datasheet HTML 10Page - NXP Semiconductors PMPB11EN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PMPB11EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 May 2012
7 of 15
NXP Semiconductors
PMPB11EN
30 V N-channel Trench MOSFET
Tj = 25 °C
Tj = 25 °C; VDS = 5 V
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 7.
Sub-threshold drain current as a function of
gate-source voltage
Tj = 25 °C
ID = 8 A
Fig 8.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
VDS (V)
04
3
12
017aaa554
10
15
5
20
25
ID
(A)
0
VGS = 5 V
3 V
2.7 V
2.5 V
2.3 V
2.1 V
2.9 V
017aaa555
10-4
10-5
10-3
ID
(A)
10-6
VGS (V)
0.0
2.5
2.0
1.0
1.5
0.5
min
typ
max
ID (A)
025
20
10
15
5
017aaa556
20
30
10
40
50
RDSon
(mΩ)
0
VGS = 2.75 V
2.5 V
3.0 V
3.25 V
3.5 V
4.0 V
5.0 V
4.5 V
VGS (V)
08
6
24
017aaa557
20
30
10
40
50
RDSon
(mΩ)
0
Tj = 25 °C
Tj = 150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com