Electronic Components Datasheet Search
  English  ▼

X  

PMPB11EN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PMPB11EN
Description  30 V N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB11EN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PMPB11EN Datasheet HTML 6Page - NXP Semiconductors PMPB11EN Datasheet HTML 7Page - NXP Semiconductors PMPB11EN Datasheet HTML 8Page - NXP Semiconductors PMPB11EN Datasheet HTML 9Page - NXP Semiconductors PMPB11EN Datasheet HTML 10Page - NXP Semiconductors PMPB11EN Datasheet HTML 11Page - NXP Semiconductors PMPB11EN Datasheet HTML 12Page - NXP Semiconductors PMPB11EN Datasheet HTML 13Page - NXP Semiconductors PMPB11EN Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PMPB11EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 May 2012
10 of 15
NXP Semiconductors
PMPB11EN
30 V N-channel Trench MOSFET
8.
Test information
9.
Package outline
Fig 17. Duty cycle definition
t1
t2
P
t
006aaa812
duty cycle
δ =
t1
t2
Fig 18. Package outline SOT1220 (DFN2020MD-6)
12-04-30
Dimensions in mm
1.1
1.3
1.9
2.1
1.9
2.1
1.0
1.2
3
2
1
4
5
6
0.51
0.61
0.2
0.3
0.65
0.25
0.35
0.2
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com