Electronic Components Datasheet Search
  English  ▼

X  

PMPB11EN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMPB11EN
Description  30 V N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB11EN Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMPB11EN Datasheet HTML 2Page - NXP Semiconductors PMPB11EN Datasheet HTML 3Page - NXP Semiconductors PMPB11EN Datasheet HTML 4Page - NXP Semiconductors PMPB11EN Datasheet HTML 5Page - NXP Semiconductors PMPB11EN Datasheet HTML 6Page - NXP Semiconductors PMPB11EN Datasheet HTML 7Page - NXP Semiconductors PMPB11EN Datasheet HTML 8Page - NXP Semiconductors PMPB11EN Datasheet HTML 9Page - NXP Semiconductors PMPB11EN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PMPB11EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 May 2012
6 of 15
NXP Semiconductors
PMPB11EN
30 V N-channel Trench MOSFET
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj = 25 °C
30
--V
VGSth
gate-source threshold
voltage
ID =250 µA; VDS =VGS; Tj =25°C
1
1.5
2
V
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj = 25 °C
--1
µA
VDS =30V; VGS =0V; Tj = 150 °C
--20
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
-
-
100
nA
VGS =-20 V; VDS =0V; Tj = 25 °C
-
-
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =9A; Tj = 25 °C
-
12
14.5
m
Ω
VGS =10V; ID =9A; Tj = 150 °C
-
18
20.5
m
Ω
VGS =4.5 V; ID = 3.7 A; Tj = 25 °C
-
14
16.5
m
Ω
gfs
forward
transconductance
VDS =10V; ID =9A; Tj =25 °C
-
20
-
S
RG
gate resistance
f = 1 MHz
-
1.6
-
Ω
Dynamic characteristics
QG(tot)
total gate charge
VDS =15V; ID =6A; VGS =10V;
Tj =25°C
-
13.7
20.6
nC
QGS
gate-source charge
-
1.73
-
nC
QGD
gate-drain charge
-
1.71
-
nC
Ciss
input capacitance
VDS =10V; f=1MHz; VGS =0V;
Tj =25°C
-
840
-
pF
Coss
output capacitance
-
155
-
pF
Crss
reverse transfer
capacitance
-65
-pF
td(on)
turn-on delay time
VDS =15V; ID =5A; VGS =4.5 V;
RG(ext) =6 Ω; Tj =25 °C
-9
-ns
tr
rise time
-
10
-
ns
td(off)
turn-off delay time
-
17
-
ns
tf
fall time
-9
-ns
Source-drain diode
VSD
source-drain voltage
IS = 2.2 A; VGS =0V; Tj =25°C
-
0.8
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com