Electronic Components Datasheet Search
  English  ▼

X  

TST12AS00 Datasheet(PDF) 6 Page - ITT Industries

Part # TST12AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS00 Datasheet(HTML) 6 Page - ITT Industries

Back Button TST12AS00 Datasheet HTML 2Page - ITT Industries TST12AS00 Datasheet HTML 3Page - ITT Industries TST12AS00 Datasheet HTML 4Page - ITT Industries TST12AS00 Datasheet HTML 5Page - ITT Industries TST12AS00 Datasheet HTML 6Page - ITT Industries TST12AS00 Datasheet HTML 7Page - ITT Industries TST12AS00 Datasheet HTML 8Page - ITT Industries TST12AS00 Datasheet HTML 9Page - ITT Industries TST12AS00 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
6
Cannon Trident Connectors
Connector Selection Guide
www.ittcannon.com
Snap Together
Flame
Retardant
Rack and
Panel
Circular
Rectangular
Slimline
Rectangular
Multiway
Ringlock
Neptune
Neptune Metal
(TNM)
High Voltage
(THV)
Operating
Voltage1
Up to
250 V ac rms
Up to
250 V ac rms
Up to
250 V ac rms
*
Up to
250 V ac rms
Up to 380 V ac
rms (7 position
connector only)
Up to
250 V ac rms
Up to
250 V ac rms
Up to
500 V ac rms
Current
Rating2
Up to 13 A
Up to 10 A
Up to 13 A
Up to 13 A
Up to 13 A
Up to 16 A
with High
Conductivity
Contacts
Up to 13 A
Up to 16 A
with High
Conductivity
Contacts
Up to 30 A with
Power Contacts
Up to 13 A
Up to 16 A with
High Conductivity
Contacts
Up to 30 A with
Power Contacts
Up to 40 A with
D Sub Contacts
Up to 34 A with
Power Contacts
Operating
Temperature
-55°C to +105°C
(-67°F to +221°F)
(from -40°C, -
40°F for
PCB versions)
-55°C to +105°C
(-67°F to +221°F)
(from -40°C, -
40°F for
PCB versions)
-55°C to
+105°C
(-67°F to
+221°F)
-55°C to +125°C
(-67°F to +257°F)
(to +105°C,
221°F with
Plastic Hood)
-55°C to
+105°C
(-67°F to
+221°F)
-55°C to
+105°C
(-67°F to
+221°F)
-55°C to
+105°C
(-67°F to
+221°F)
-40°C to
+125°C
(-40°F to
+257°F)
Insulation
Resistance
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
Durability3
Up to 500
Mating Cycles
Up to 500
Mating Cycles
Up to 500
Mating Cycles
Up to 500
Mating Cycles
Up to 500
Mating Cycles
Up to 500
Mating Cycles
Up to 200
Mating Cycles
Up to 200
Mating Cycles
Environmental
Sealing
-
-
-
-
Up to IP65
Up to IP67
Up to IP67
Up to IP67
Flammability
UL 94 V-0
UL 94 V-0
I2/F2 according
to NFF 16-101
(fire & smoke
standards)
UL 94 V-0
UL 94 V-0
UL 94 V-1 with
Plastic Hoods
UL 94 V-0
UL 94 V-0
UL 94 V-0
UL 94 V-0
Insulator
Black Nylon
Black Nylon
Grey PA
Glass-Filled
Phenolic
Black Nylon
Black Nylon
Black Nylon
Orange Nylon
Coupling
Ring
-
-
-
-
Nickel Plated
Copper Alloy
Nickel Plated
Copper Alloy Nickel Plated Brass Nickel Plated Brass
Layouts
2, 3, 4, 6, 12,
24, 36
3, 4, 6, 9, 10
2, 3, 4, 6, 12,
24, 36
14, 20, 26, 34,
50, 75
4, 7, 8, 12, 19,
23, 28, 35, 48
12+0, 19+0
13+2, 20+4,
28+4, 48+0,
19+12 **
4+0, 8+0, 12+0,
3+3, 4+3, 0+4,
19+0 **
4
Page
7-13
18-21
14-17
22-25
26-35
36-51
52-60
61-62
* For details please consult the factory
** Signal + Power contacts
1
Depends on contacts used, layout, and degree of pollution
2
Depends on number and type of contacts used
3
Depends on plating and type of contacts used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com