Electronic Components Datasheet Search
  English  ▼

X  

TST12AS00 Datasheet(PDF) 92 Page - ITT Industries

Part # TST12AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS00 Datasheet(HTML) 92 Page - ITT Industries

Back Button TST12AS00 Datasheet HTML 88Page - ITT Industries TST12AS00 Datasheet HTML 89Page - ITT Industries TST12AS00 Datasheet HTML 90Page - ITT Industries TST12AS00 Datasheet HTML 91Page - ITT Industries TST12AS00 Datasheet HTML 92Page - ITT Industries TST12AS00 Datasheet HTML 93Page - ITT Industries TST12AS00 Datasheet HTML 94Page - ITT Industries TST12AS00 Datasheet HTML 95Page - ITT Industries TST12AS00 Datasheet HTML 96Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 92 / 96 page
background image
92
www.ittcannon.com
Product Safety Information
Cannon Trident Connectors
1. MATERIAL CONTENT AND PHYSICAL
FORM
Electrical connectors do not usually contain
hazardous materials. They contain conduct-
ing and non-conducting materials and can
be divided into two groups.
a) Printed circuit types and low cost audio
types which employ all plastic insulators and
casings.
b) Rugged, Fire Barrier and High Reliability
types with metal casings and either natural
rubber, synthetic rubber, plastic or glass
insulating materials. Contact materials vary
with type of connector and also application
and are usually manufactured from either:
Copper, copper alloys, nickel, alumel,
chromel or steel. In special applications,
other alloys may be specified.
2. FIRE CHARACTERISTICS AND ELECTRIC
SHOCK HAZARD
There is no fire hazard when the connec-
tor is correctly wired and used within the
specified parameters. Incorrect wiring or
assembly of the connector or careless use
of metal tools or conductive fluids, or
transit damage to any of the component
parts may cause electric shock or burns.
Live circuits must not be broken by sepa-
rating mated connectors as this may
cause arcing, ionization and burning. Heat
dissipation is greater at maximum resistance
in a circuit. Hot spots may occur when resist-
ance is raised locally by damage, e.g.
cracked or deformed contacts, broken
strands of wire. Local overheating may also
result from the use of the incorrect applica-
tion tools or from poor quality soldering or
slack screw terminals. Overheating may
occur if the ratings in the product Data
Sheet/Catalog are exceeded and can cause
breakdown of insulation and hence electric
shock. If heating is allowed to continue it
intensifies by further increasing the local
resistance through loss of temper of spring
contacts, formation of oxide film on con-
tacts and wires and leakage currents
through carbonization of insulation and
tracking paths. Fire can then result in the
presence of combustible materials and this
may release noxious fumes. Overheating
may not be visually apparent. Burns may
result from touching overheated compo-
nents.
3. HANDLING
Care must be taken to avoid damage
to any component parts of electrical connec-
tors during installation and use. Although
there are normally no sharp edges, care
must be taken when handling certain com-
ponents to avoid injury to fingers. Electrical
connectors may be damaged in transit to the
customers, and damage may result in cre-
ation of hazards. Products should therefore
be examined prior to installation/use and
rejected if found to be damaged.
4. DISPOSAL
Incineration of certain materials may release
noxious or even toxic fumes.
5. APPLICATION
Connectors with exposed contacts should
not be selected for use on the current supply
side of an electrical circuit, because an elec-
tric shock could result from touching
exposed contacts on an unmated connector.
Voltages in excess of 30 V ac or 42.5 V dc are
potentially hazardous and care should be
taken to ensure that such voltages cannot be
transmitted in any way to exposed metal
parts of the connector body. The connector
and wiring should be checked, before mak-
ing live, to have no damage to metal parts or
insulators, no solder blobs, loose strands,
conducting lubricants, swarf, or any other
undesired conducting particles. Circuit
resistance and continuity check should be
made to make certain that there are no high
resistance joints or spurious conducting
paths. Always use the correct application
tools as specified in the Data Sheet/Catalog.
Do not permit untrained personnel to wire,
assemble or tamper with connectors. For
operation voltage please see appropriate
national regulations.
IMPORTANT GENERAL INFORMATION
(i) Air and creepage paths/Operating volt-
age. The admissible operating voltages
depend on the individual applications and
the valid national and other applicable safe-
ty regulations.
For this reason the air and creepage path
data are only reference values. Observe
reduction of air and creepage paths due to
PC board and/or harnessing.
(ii) Temperature
All information given are temperature limits.
The operation temperature depends on the
individual application.
(iii) Other important information
Cannon continuously endeavors to improve
their products. Therefore, Cannon products
may deviate from the description, technical
data and shape as shown in this catalog and
data sheets.
ITT Interconnect Solutions, a Division of ITT
Corporation manufactures the highest qual-
ity products available in the marketplace;
however these products are intended to be
used in accordance with the specifications in
this publication. Any use or application that
deviates from the stated operating specifica-
tions is not recommended and may be
unsafe. No information and data contained
in this publication shall be construed to cre-
ate any liability on the part of Cannon. Any
new issue of this publication shall automati-
cally invalidate and supersede any and all
previous issues.
Product Warranty
A limited warranty applies to Cannon prod-
ucts. In general, except for obligations
assumed by Cannon under this warranty,
Cannon shall not be liable for any loss, dam-
age, cost of repairs, incidental or consequen-
tial damages of any kind, whether or not
based on express or implied warranty, con-
tract, negligence or strict liability arising in
connection with the design, manufacture,
sale, use or repair of the products. Product
availability, prices and delivery dates are
exclusively subject to our respective order
confirmation form; the same applies to
orders based on development samples
delivered. Please
refer
to
www.ittcannon.com (General Terms of Sale)
for the complete text of Cannon’s applicable
Terms and Conditions, including Warranty.
This publication is not to be construed as an
offer. It is intended merely as an invitation to
make an offer. By this publication, Cannon
does not assume responsibility or any liabili-
ty for any patent infringements or other
rights of third parties which may result from
its use.
Reprinting this publication is generally per-
mitted, indicating the source. However,
Cannon's prior consent must be obtained in
all cases. “Engineered for life” is a registered
trademark of ITT Corporation ©2006. All
other trademarks or registered trademarks
are property of their respective owners. All
dates subject to change without notice.
Commodities in this catalog may be
controlled for export by the International
Traffic in Arms Regulations (ITAR) and Export
Administration Regulations (EAR) when
specifically designed modified, or configured
for articles controlled by the United States
Government.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com