Electronic Components Datasheet Search
  English  ▼

X  

TST12AS00 Datasheet(PDF) 70 Page - ITT Industries

Part # TST12AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS00 Datasheet(HTML) 70 Page - ITT Industries

Back Button TST12AS00 Datasheet HTML 66Page - ITT Industries TST12AS00 Datasheet HTML 67Page - ITT Industries TST12AS00 Datasheet HTML 68Page - ITT Industries TST12AS00 Datasheet HTML 69Page - ITT Industries TST12AS00 Datasheet HTML 70Page - ITT Industries TST12AS00 Datasheet HTML 71Page - ITT Industries TST12AS00 Datasheet HTML 72Page - ITT Industries TST12AS00 Datasheet HTML 73Page - ITT Industries TST12AS00 Datasheet HTML 74Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
70
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Solder Cup Contacts
• 13 A current rating.
• Ideal for prototypes and small
volume applications.
• Fits into all Trident connectors.
• Simple solder, then insert.
Socket Pin
18,26 (.719)
26,19 (1.031)
Part Number
Description
Tin Plating
Gold Plating (Y)
Socket
192900-0634
192900-0635
Pin
192900-0632
192900-0633
(Y) Gold plating 0,4 µ m (16 µ in.)
Flow Solder (PCB) Contacts
• 13 A current rating.
• Available in different lengths
depending on connector.
• Socket versions available.
• High Volume packaging available.
• 30 A power version available.
Connector Series
Type
Tin Plating
Gold Flash Plating
A ±1,00 (.039)
ØB
Ringlock Standard Receptacle
Socket
***
192991-0524
0,76 (.030)
Ringlock Standard Receptacle
Socket
***
192991-0066
0,76 (.030
Ringlock Reversed Receptacle, Multiway
Pin
192991-0122
192991-0119
34,70 (1.366)
0,76 (.030)
Neptune
Pin
192900-0465
192900-0356
40,75 (1.604)
0,71 (.028)
Neptune Power**
Pin
192991-0617
192991-0618
40,60 (1.598)
1,50 (.059)
** Note: Appearance differs slightly from the picture.
*** For details please consult the factory
Part Number (Pack of 100)
Nominal lengths (x) of Flow Solder Contacts out of the connector*
Ringlock Standard Receptacle
Shell Size
192991-0066
192991-0524
10
4,5 (.177)
11,6 (.456)
12
2,7 (.106)
9,8 (.386)
14
4,5 (.177)
11,6 (.456)
16
2,7 (.106)
9,8 (.386)
18
2,7 (.106)
9,8 (.386)
20
3,0 (.118)
10,1 (.398)
22
2,0 (.079)
9,1 (.358)
24
1,2 (.047)
8,3 (.327)
Ringlock Reversed Receptacle
Shell Size
192991-0119
192991-0122
10
4,7 (.177)
12
4,7 (.177)
14
4,7 (.177)
16
4,7 (.177)
18
4,7 (.177)
20
4,6 (.181)
22
4,6 (.181)
24
4,6 (.181)
T3P Contacts
Cannon Trident Connectors
* For other connector series please consult the factory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com