Electronic Components Datasheet Search
  English  ▼

X  

TST12AS00 Datasheet(PDF) 85 Page - ITT Industries

Part # TST12AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS00 Datasheet(HTML) 85 Page - ITT Industries

Back Button TST12AS00 Datasheet HTML 81Page - ITT Industries TST12AS00 Datasheet HTML 82Page - ITT Industries TST12AS00 Datasheet HTML 83Page - ITT Industries TST12AS00 Datasheet HTML 84Page - ITT Industries TST12AS00 Datasheet HTML 85Page - ITT Industries TST12AS00 Datasheet HTML 86Page - ITT Industries TST12AS00 Datasheet HTML 87Page - ITT Industries TST12AS00 Datasheet HTML 88Page - ITT Industries TST12AS00 Datasheet HTML 89Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
85
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
IP rating Chart
Second digit of IP Number – Ingress of water
IP 0
IP 1
IP 2
IP 3
IP 4
IP 5
IP 6
IP 7
IP 8
Meaning for the
protection of
equipment against
ingress of solid
foreign objects
Meaning for the
protection of persons
against access to
hazardous parts with
non-
protected
Protected
against
vertically
falling
water
drops
Protected
against
vertically
falling water
drops when
device is tilted
up to 15˚
Water sprayed
an angle up
to 60˚ on
either side of
the vertical
shall have no
harmful effects
Water splashed
from any
direction
shall have no
harmful effects
Water project-
ed in jets from
any direction
shall have no
harmful effects
Water project-
ed in powerful
jets from any
direction
shall have no
harmful effects
Protected
against
temporary
immersion
Protected
against
continuous
immersion
IP 0 non-protected
non-protected
IP 00
IP 1 Protected against
solid foreign objects
larger in diameter
than 50 mm (1.97 in)
Protected against
access to hazardous
parts with the back
of the hand
IP 10 IP 11
IP 12
IP 2 Protected against
solid foreign objects
larger in diameter
than 12.5 mm (.49 in)
Protected against
access to hazardous
parts with a finger
IP 20 IP 21
IP 22
IP 23
IP 3 Protected against
solid foreign objects
larger in diameter
than 2.5 mm (.10 in.)
Protected against
access to hazardous
parts with a tool
larger in diameter
than 2.5 mm (.10 in.)
IP 30 IP 31
IP 32
IP 33
IP 34
IP 4 Protected against
solid foreign objects
larger in diameter
than 1.0 mm (.04 in.)
Protected against
access to hazardous
parts with a wire
larger in diameter
than 1.0 mm (.04 in.)
IP 40 IP 41
IP 42
IP 43
IP 44
IP 5 Ingress of dust is
not totally prevented,
but dust shall not
penetrate in a quantity
to interfere with
satisfactory operation
of the apparatus or
to impair safety
Protected against
access to hazardous
parts with a wire
larger in diameter
than 1.0 mm (.04 in.)
IP 54
IP 55
IP 6 No ingress of dust
Protected against
access to hazardous
parts with a wire
larger in diameter
than 1.0 mm (.04 in.)
IP 66
IP 67
IP 68
Cannon Trident Connectors
Chart 1 International Protection (IP) ratings for IEC 529
First digit of IP Number
– Ingress of foreign objects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com