Electronic Components Datasheet Search
  English  ▼

X  

TST12AS00 Datasheet(PDF) 72 Page - ITT Industries

Part # TST12AS00
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST12AS00 Datasheet(HTML) 72 Page - ITT Industries

Back Button TST12AS00 Datasheet HTML 68Page - ITT Industries TST12AS00 Datasheet HTML 69Page - ITT Industries TST12AS00 Datasheet HTML 70Page - ITT Industries TST12AS00 Datasheet HTML 71Page - ITT Industries TST12AS00 Datasheet HTML 72Page - ITT Industries TST12AS00 Datasheet HTML 73Page - ITT Industries TST12AS00 Datasheet HTML 74Page - ITT Industries TST12AS00 Datasheet HTML 75Page - ITT Industries TST12AS00 Datasheet HTML 76Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
72
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Coaxial Contacts
Coaxial Contacts
• Up to 200 mating cycles.
• Fits all Trident contact cavities.
• Full range of tooling available.
• For twisted pair and coaxial cable use.
• All contact assemblies sold in packs
of 100.
• Ideal for high frequency applications
up to 2 GHz.
Performance Specifications
Temperature Range
–55°C to 125°C
Operating Voltage
230 V dc
Materials and Finishes
Description
Material
Finish
Inner Contact
Brass
0,75 µm (30 µ in.) Gold
Outer Contact
Brass
0,40 µm (16 µ in.) Gold
Outer Male Contact Assembly
Outer Female Contact Assembly
Ring
Support Sleeve
Inner Male
Outer Female
Part Number
Description
(Pack of 100)
Nomenclature
Cable Type*
Outer Female Contact Assembly
192945-4380
TC1FCLY
A**
Outer Male Contact Assembly
192945-4390
TC1MCLY
A**
Outer Female Contact Assembly
192945-4930
TC2FCLY
B and Twisted Pair
Outer Male Contact Assembly
192945-4530
TC2MCLY
B and Twisted Pair
Note:
Sold as complete sets. Please contact Cannon for other packaging options.
* For Cable Type, see page 73
** Support sleeve not used
Ring
Support Sleeve
Inner Female
Outer Male



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com