Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LR2 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MMA7455LR2
Description  Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LR2 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MMA7455LR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Sensors
22
Freescale Semiconductor
MMA7455L
Signed byte data (2’s complement): 0g = 10’h000
Reading low byte XOUTL latches high byte XOUTH to allow 10-bit reads.
XOUTH should be read directly following XOUTL read.
Signed byte data (2’s complement): 0g = 10’h000
Reading low byte YOUTL latches high byte YOUTH to allow coherent 10-bit reads.
YOUTH should be read directly following YOUTL.
Signed byte data (2’s complement): 0g = 10’h000
Reading low byte ZOUTL latches high byte ZOUTH to allow coherent 10-bit reads.
ZOUTH should be read directly following ZOUTL.
Signed byte data (2’s complement): 0g = 10’h000
Reading low byte ZOUTL latches high byte ZOUTH to allow coherent 10-bit reads.
ZOUTH should be read directly following ZOUTL.
Signed byte data (2’s complement): 0g = 8’h00
Signed byte data (2’s complement): 0g = 8’h00
$01: 10bits Output Value X MSB (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
--
--
--
--
--
XOUT [9]
XOUT[8]
Function
0
0
0
0
0
0
0
0
Default
$02: 10bits Output Value Y LSB (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
YOUT [7]
YOUT [6]
YOUT [5]
YOUT [4]
YOUT [3]
YOUT [2]
YOUT [1]
YOUT[0]
Function
0
0
0
0
0
0
0
0
Default
$03: 10bits Output Value Y MSB (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
--
--
--
--
--
YOUT [9]
YOUT[8]
Function
0
0
0
0
0
0
0
0
Default
$04: 10bits Output Value Z LSB (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
ZOUT [7]
ZOUT [6]
ZOUT [5]
ZOUT [4]
ZOUT [3]
ZOUT [2]
ZOUT [1]
ZOUT[0]
Function
0
0
0
0
0
0
0
0
Default
$05: 10bits Output Value Z MSB (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
--
--
--
--
--
ZOUT [9]
ZOUT[8]
Function
0
0
0
0
0
0
0
0
Default
$06: 8bits Output Value X (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
XOUT[7]
XOUT [6]
XOUT [5]
XOUT [4]
XOUT [3]
XOUT [2]
XOUT [1]
XOUT [0]
Function
0
0
0
0
0
0
0
0
Default
$07: 8bits Output Value Y (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
YOUT[7]
YOUT [6]
YOUT [5]
YOUT [4]
YOUT [3]
YOUT [2]
YOUT [1]
YOUT [0]
Function
0
0
0
0
0
0
0
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com