Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LR2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMA7455LR2
Description  Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LR2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMA7455LR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Sensors
10
Freescale Semiconductor
MMA7455L
LEVEL DETECTION
The user can access XYZ measurements and can use the level interrupt only. The level detection mechanism has no timers as-
sociated with it. Once a set acceleration level is reached the interrupt pin will go high and remain high until the interrupt pin is
cleared (See Assigning, Clearing & Detecting Interrupts).
By default all three axes are enabled and the detection range is 8g only. X and/or Y and/or Z can be disabled. There is a choice
between detecting an Absolute signal or a Positive or Negative only signal on the enabled axes. There is also a choice between
doing a detection for Motion where X or Y or Z > Threshold vs. doing a detection for Freefall where X & Y & Z < Threshold.
$18: Control 1 (Read/Write) Setting the Detection Axes for X, Y and Z
This allows the user to define how many axes to use for detection. All axes are enabled by default. To disable write 1.
XDA: Disable X
YDA: Disable Y
ZDA: Disable Z
$19: Control 2 (Read/Write) Motion Detection (OR Condition) or Freefall Detection (AND Condition
)
LDPL = 0: Level detection polarity is positive and detecting condition is OR for all 3 axes.
X or Y or Z > Threshold
||X|| or ||Y|| or ||Z|| > Threshold
LDPL = 1: Level detection polarity is negative detecting condition is AND for all 3 axes.
X and Y and Z < Threshold
||X|| and ||Y|| and ||Z|| < Threshold
$18: Control 1 (Read/Write): Setting the threshold to be an integer value or an absolute value
This allows the user to set the threshold to be absolute, or to be based on the threshold value as positive or negative.
THOPT = 0 Absolute; THOPT = 1 Positive Negative
$1A: Level Detection Threshold Limit Value (Read/Write)
When an event is detected the interrupt pin (either INT1 or INT2) will go high. The interrupt pin assignment is set up in Register
$18, discussed in the Assigning, Clearing & Detecting Interrupts section. The detection status is monitored by the Detection
Source Register $0A.
LDTH[7:0]: Level detection threshold value. If THOPT bit in Detection Control Register is “0”, it is unsigned 7 bits value and
LDTH[7] should be “0”. If THOPT bit is “1”, it is signed 8 bits value.
D7
D6
D5
D4
D3
D2
D1
D0
Reg $18
DFBW
THOPT
ZDA
YDA
XDA
INTREG[1]
INTREG[0]
INTPIN
Function
0
000
0000
Default
D7
D6
D5
D4
D3
D2
D1
D0
Reg $19
--
--
--
--
--
DRVO
PDPL
LDPL
Function
00000000
Default
D7
D6
D5
D4
D3
D2
D1
D0
Reg $18
DFBW
THOPT
ZDA
YDA
XDA
INTREG[1]
INTREG[0]
INTPIN
Function
00000000
Default
D7
D6
D5
D4
D3
D2
D1
D0
Reg $1A
LDTH[7]
LDTH[6]
LDTH[5]
LDTH[4]
LDTH[3]
LDTH[2]
LDTH[1]
LDTH[0]
Function
00
000
000
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com