Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LR2 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MMA7455LR2
Description  Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LR2 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MMA7455LR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Sensors
Freescale Semiconductor
15
MMA7455L
ASSIGNING, CLEARING & DETECTING INTERRUPTS
Assigning the interrupt pins is done in Register $18. There are 3 combinations for the interrupt pins to be assigned which are
outlined below in the table for INTREG[1:0].
Table 7. Configuring the Interrupt settings using Register $18 with INTREG[1:0] bits
00: INT1 Register is detecting Level while INT2 is detecting Pulse.
01: INT1 Register is detecting Pulse while INT2 is detecting Level.
10: INT1 Register is detecting a Single Pulse and INT2 is detecting Single Pulse (if 2nd Time Window = 0) or if there is a latency
time window and second time window > 0 then INT2 will detect the double pulse only.
INTPIN: INT1 pin is routed to INT1 bit in Detection Source Register ($0A) and INT2 pin is routed to INT2 bit in Detection Source
Register ($0A).
INTPIN: INT2 pin is routed to INT1 bit in Detection Source Register ($0A) and INT1 pin is routed to INT2 bit in Detection Source
Register ($0A).
Note: When INTREG[1:0] =10 for the condition to detect single pulse on INT1 and either single or double pulse on INT2, INT1
register bit can no longer be cleared by setting CLR_INT1 bit. It is cleared by setting CLR_INT2 bit. In this case, setting CLR_INT2
clears both INT1 and INT2 register bits and resets the detection operation. Follow the example given for clearing the interrupts.
Clearing the Interrupt Pins: Register $17
CLR_INT1
1: Clear “INT1”
0: Do not clear “INT1”
CLR_INT2
1: Clear “INT2”
0: Do not clear “INT2”
After interrupt has triggered due to a detection, the interrupt pin (INT1 or INT2) need to be cleared by writing a logic 1. Then the
interrupt pin should be enabled to trigger the next detection by setting it to a logic 0.
This example is to show how to reset the interrupt flags
void ClearIntLatch(void)
{
IIC_ByteWrite(INTRST, 0x03);
IIC_ByteWrite(INTRST, 0x00);
}
$18 Control 1 Register
D7
D6
D5
D4
D3
D2
D1
D0
Reg $18
DFBW
THOPT
ZDA
YDA
XDA
INTREG[1]
INTREG[0]
INTPIN
Function
000000
00
Default
INTREG[1:0]
“INT1” Register Bit
“INT2” Register Bit
00
Level detection
Pulse Detection
01
Pulse Detection
Level Detection
10
Single Pulse detection
Single or Double Pulse Detection
$17: Interrupt Latch Reset (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Reg $17
--
--
--
--
--
--
CLR_INT2
CLR_INT1
Function
000000
00
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com