Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LR2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA7455LR2
Description  Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LR2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA7455LR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455LR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Document Number: MMA7455L
Rev 10, 12/2009
Freescale Semiconductor
Technical Data
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007-2009. All rights reserved.
±2g/±4g/±8g Three Axis Low-g
Digital Output Accelerometer
The MMA7455L is a Digital Output (I2C/SPI), low power, low profile
capacitive micromachined accelerometer featuring signal conditioning, a low
pass filter, temperature compensation, self-test, configurable to detect 0g
through interrupt pins (INT1 or INT2), and pulse detect for quick motion
detection. 0g offset and sensitivity are factory set and require no external
devices. The 0g offset can be customer calibrated using assigned 0g registers
and g-Select which allows for command selection for 3 acceleration ranges
(2g/4g/8g). The MMA7455L includes a Standby Mode that makes it ideal for
handheld battery powered electronics.
Features
•
Digital Output (I2C/SPI)
•
3mm x 5mm x 1mm LGA-14 Package
•
Self-Test for Z-Axis
•
Low Voltage Operation: 2.4 V – 3.6 V
•
User Assigned Registers for Offset Calibration
•
Programmable Threshold Interrupt Output
•
Level Detection for Motion Recognition (Shock, Vibration, Freefall)
•
Pulse Detection for Single or Double Pulse Recognition
•
Sensitivity (64 LSB/g @ 2g and @ 8g in 10-Bit Mode)
•
Selectable Sensitivity (±2g, ±4g, ±8g) for 8-bit Mode
•
Robust Design, High Shocks Survivability (5,000g)
•
RoHS Compliant
•
Environmentally Preferred Product
•
Low Cost
Typical Applications
•
Cell Phone/PMP/PDA: Image Stability, Text Scroll, Motion Dialing,
Tap to Mute
•
HDD: Freefall Detection
•
Laptop PC: Freefall Detection, Anti-Theft
•
Pedometer
•
Motion Sensing, Event Recorder
ORDERING INFORMATION
Part Number
Temperature Range
Package
Shipping
MMA7455LT
–40 to +85°C
LGA-14
Tray
MMA7455LR1
–40 to +85°C
LGA-14
7” Tape & Reel
MMA7455LR2
–40 to +85°C
LGA-14
13” Tape & Reel
MMA7455L
MMA7455L: XYZ-AXIS
ACCELEROMETER
±2g/±4g/±8g
14 LEAD
LGA
CASE 1977-01
Bottom View
Figure 1. Pin Connections
Top View
AVDD
GND
DVDD_IO
INT1/DRDY
INT2
N/C
SDO
SDA/SDI/SDO
N/C
IADDR0
N/C
GND


Similar Part No. - MMA7455LR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7455LR2 FREESCALE-MMA7455LR2 Datasheet
536Kb / 27P
Three Axis Low-g Digital Output Accelerometer
MMA7455LR2 FREESCALE-MMA7455LR2 Datasheet
504Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455LR2 FREESCALE-MMA7455LR2 Datasheet
516Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
logo
NXP Semiconductors
MMA7455LR2 NXP-MMA7455LR2 Datasheet
653Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 10, 12/2009
More results

Similar Description - MMA7455LR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7450L FREESCALE-MMA7450L Datasheet
394Kb / 22P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L Datasheet
519Kb / 36P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L_08 Datasheet
504Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_08 Datasheet
519Kb / 36P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L_09 Datasheet
516Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_09 Datasheet
564Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
logo
NXP Semiconductors
MMA7455L NXP-MMA7455L Datasheet
653Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 10, 12/2009
MMA7456L NXP-MMA7456L Datasheet
693Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 4, 04/2009
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
Digital Three-Axis Accelerometer
Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com