Electronic Components Datasheet Search
  English  ▼

X  

TST24RB01Z Datasheet(PDF) 33 Page - ITT Industries

Part # TST24RB01Z
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24RB01Z Datasheet(HTML) 33 Page - ITT Industries

Back Button TST24RB01Z Datasheet HTML 29Page - ITT Industries TST24RB01Z Datasheet HTML 30Page - ITT Industries TST24RB01Z Datasheet HTML 31Page - ITT Industries TST24RB01Z Datasheet HTML 32Page - ITT Industries TST24RB01Z Datasheet HTML 33Page - ITT Industries TST24RB01Z Datasheet HTML 34Page - ITT Industries TST24RB01Z Datasheet HTML 35Page - ITT Industries TST24RB01Z Datasheet HTML 36Page - ITT Industries TST24RB01Z Datasheet HTML 37Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
33
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Ringlock Circular Accessories
Typical Nomenclature:
TR
10
A HC 1N
Series
TR
= Trident Ringlock
Shell Size
10
12
14
16
18
20
22
24
A= Accessory
Material
N
= Nylon
Series Identification
1
= Standard
HC
=
Sealed Cable Clamp
SR =
Unsealed Cable Clamp
AD =
Heat Shrink Adapter
How to Order-Accessories
How to Order-Dust Caps
Typical Nomenclature:
TNA 10 DCR0 - 00
B
Series
TNA = Trident Neptune Accessory
(Ringlock Compatible)
Shell Size
10
12
14
16
18
20
22
24
Packaging
B
= Bulk
L
= Single Pack
Accessory Style, Type and Size
Dust Cap
DC
R0-00 Unsealed Dust Cap, Receptacle (PAD)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com